Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9986-FMCB-EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9986-FMCB-EBZ
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986-FMCB-EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9986-FMCB-EBZ Datasheet HTML 29Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 30Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 31Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 32Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 33Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 34Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 35Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 36Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 37 page
background image
Data Sheet
AD9986
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 34 of 37
Figure 71. HD2 and HD3 vs. fADC, fIN = 3450 MHz, AIN = −1 dBFS, fADC = 2
GSPS to 6 GSPS, Full Bandwidth Mode
Figure 72. Harmonic Distortion vs. Junction Temperature, fIN= 1.8 GHz, AIN =
−1 dBFS, Full Bandwidth Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com