Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9986-FMCB-EBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9986-FMCB-EBZ
Description  4T2R Direct RF Transmitter and Observation Receiver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9986-FMCB-EBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9986-FMCB-EBZ Datasheet HTML 17Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 18Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 19Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 20Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 21Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 22Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 23Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 24Page - Analog Devices AD9986-FMCB-EBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
AD9986
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 21 of 37
Table 20. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
JESD204B or JESD204C COMPATIBLE SERDES DATA
LANES AND CONTROL SIGNALS2
L18, L17
SERDIN0+, SERDIN0−
Input
JRx Lane 0 Inputs, Data True/Complement.
N18, N17
SERDIN1+, SERDIN1−
Input
JRx Lane 1 Inputs, Data True/Complement.
R18, R17
SERDIN2+, SERDIN2−
Input
JRx Lane 2 Inputs, Data True/Complement.
U18, U17
SERDIN3+, SERDIN3−
Input
JRx Lane 3 Inputs, Data True/Complement.
M15, M14
SERDIN4+, SERDIN4−
Input
JRx Lane 4 Inputs, Data True/Complement.
V15, V14
SERDIN5+, SERDIN5−
Input
JRx Lane 5 Inputs, Data True/Complement.
T15, T14
SERDIN6+, SERDIN6−
Input
JRx Lane 6 Inputs, Data True/Complement.
P15, P14
SERDIN7+, SERDIN7−
Input
JRx Lane 7 Inputs, Data True/Complement.
U13, V13
SYNC0OUTB+,
SYNC0OUTB−
Output
JRx Link 0 Synchronization Outputs for JESD204B interface.
These pins are LVDS or CMOS configurable. These pins can
also provide differential 100 Ω output impedance in LVDS
mode.
U12, V12
SYNC1OUTB+,
SYNC1OUTB−
Output
JRx Link 1 Synchronization Outputs for JESD204B interface
or CMOS Input for Transmit Fast Frequency Hopping (FFH)
via GPIOx pins. For sync output function, these pins are LVDS
or CMOS output configurable and can provide differential 100
Ω output impedance in LVDS mode.
A15, A14
SERDOUT0+,
SERDOUT0−
Output
JTx Lane 0 Outputs, Data True/Complement.
C15, C14
SERDOUT1+,
SERDOUT1−
Output
JTx Lane 1 Outputs, Data True/Complement.
E15, E14
SERDOUT2+,
SERDOUT2−
Output
JTx Lane 2 Outputs, Data True/Complement.
G15, G14
SERDOUT3+,
SERDOUT3−
Output
JTx Lane 3 Outputs, Data True/Complement.
H18, H17
SERDOUT4+,
SERDOUT4−
Output
JTx Lane 4 Outputs, Data True/Complement.
F18, F17
SERDOUT5+,
SERDOUT5−
Output
JTx Lane 5 Outputs, Data True/Complement.
D18, D17
SERDOUT6+,
SERDOUT6−
Output
JTx Lane 6 Outputs, Data True/Complement.
B18, B17
SERDOUT7+,
SERDOUT7−
Output
JTx Lane 7 Outputs, Data True/Complement.
B13, A13
SYNC0INB+, SYNC0INB− Input
JTx Link 0 Synchronization Inputs for JESD204B interface.
These pins are LVDS or CMOS configurable and have
selectable internal 100 Ω input impedance for LVDS operation.
B12, A12
SYNC1INB+, SYNC1INB− Input
JTx Link 1 Synchronization Inputs for JESD204B interface or
CMOS Inputs for Receive FFH via GPIOx pins. These pins are
LVDS or CMOS configurable and have selectable internal 100
Ω input impedance for LVDS operation.
T4, T3
SYSREFP, SYSREFN
Input
Active High JESD204B/C System Reference Inputs. These
pins are configurable for differential current mode logic (CML),
PECL, and LVDS with internal 100 Ω termination or single-
ended CMOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com