Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA593 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 9Page - Texas Instruments OPA593 Datasheet HTML 10Page - Texas Instruments OPA593 Datasheet HTML 11Page - Texas Instruments OPA593 Datasheet HTML 12Page - Texas Instruments OPA593 Datasheet HTML 13Page - Texas Instruments OPA593 Datasheet HTML 14Page - Texas Instruments OPA593 Datasheet HTML 15Page - Texas Instruments OPA593 Datasheet HTML 16Page - Texas Instruments OPA593 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The OPA593 is a high-voltage, high output current op amp. The device is capable of operating with supplies
as low as ±5 V (10 V) and as high as ±42.5 V (85 V), with an output current up to 250 mA and an internal
current limit with an accuracy of up to ±5%. Thanks to the small size, high operating voltage range, output
current, and high dc precision, the device is designed for operating as a high gain stage, driving heavy loads
and conditional large signals. The additional features of the OPA593, including the current limit, overcurrent, and
overtemperature flags, thermal protection, output disable and mux-friendly inputs, help the device protect both
the op amp and the system from potential damage due to various fault conditions.
8.2 Typical Application
+
–
10 k
+
–
45 V
–5 V
1.47 k
GND
GND
Input
Output
Figure 8-1. Output Driver Configured With a Gain of 8
8.2.1 Design Requirements
The OPA593 is designed for use as an output driver stage with gain thanks to the wide supply voltage and high
output current with programmable current limit. These features combined with the small size of the DNT package
(4 mm x 4 mm) makes this device a great choice for high-channel density systems such as semiconductor test
and manufacturing platforms where many channels may be present. In this design, the OPA593 is configured for
a gain of 8. A small negative supply is provided so that if the application requires a small output voltage, such as
in the case of a device under test (DUT) continuity check, the amplifier is able to provide the output without being
limited by the negative rail (that is, saturating the output).
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltage
+45 V, –5 V
Input voltage
0 V to 5 V
Output voltage
0 V to 40 V
System gain
8
Output current
Up to 250 mA
www.ti.com
OPA593
SBOS659A – JANUARY 2022 – REVISED MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA593



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com