Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA593 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA593
Description  OPA593 85-V, 250-mA Output Current, Precision Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA593 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA593 Datasheet HTML 15Page - Texas Instruments OPA593 Datasheet HTML 16Page - Texas Instruments OPA593 Datasheet HTML 17Page - Texas Instruments OPA593 Datasheet HTML 18Page - Texas Instruments OPA593 Datasheet HTML 19Page - Texas Instruments OPA593 Datasheet HTML 20Page - Texas Instruments OPA593 Datasheet HTML 21Page - Texas Instruments OPA593 Datasheet HTML 22Page - Texas Instruments OPA593 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(R0.05) TYP
10X (0.5)
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
(2.6)
(3.8)
12X (0.25)
12X (0.6)
(3)
(
0.2) VIA
TYP
(1.25)
(1.05)
WSON - 0.8 mm max height
DNT0012B
PLASTIC SMALL OUTLINE - NO LEAD
4214928/C 10/2021
SYMM
1
6
7
12
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:15X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
SOLDER MASK
METAL UNDER
SOLDER MASK
DEFINED
EXPOSED METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com