Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6953 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
______________________________________________________________________________________
11
COMMAND ADDRESS
HEX
CODE
REGISTER
D15
D14
D13
D12
D11
D10
D9
D8
No-Op
X
0
0
0
0
0
0
0
0x00
Intensity10
X
0
0
0
0
0
0
1
0x01
Intensity32
X
0
0
0
0
0
1
0
0x02
Scan Limit
X
0
0
0
0
0
1
1
0x03
Configuration
X
0
0
0
0
1
0
0
0x04
User-Defined Fonts
X
0
0
0
0
1
0
1
0x05
Factory Reserved. Do not write to this.
X
0
0
0
0
1
1
0
0x06
Display Test
X
0
0
0
0
1
1
1
0x07
Digit 0 Plane P0
X
0
1
0
0
0
0
0
0x20
Digit 1 Plane P0
X
0
1
0
0
0
0
1
0x21
Digit 2 Plane P0
X
0
1
0
0
0
1
0
0x22
Digit 3 Plane P0
X
0
1
0
0
0
1
1
0x23
Digit 0 Plane P1
X
1
0
0
0
0
0
0
0x40
Digit 1 Plane P1
X
1
0
0
0
0
0
1
0x41
Digit 2 Plane P1
X
1
0
0
0
0
1
0
0x42
Digit 3 Plane P1
X
1
0
0
0
0
1
1
0x43
Write Digit 0 Planes P0 and P1 with Same Data
(Reads as 0x00)
X1
10
00
00
0x60
Write Digit 1 Planes P0 and P1 with Same Data
(Reads as 0x00)
X1
10
00
01
0x61
Write Digit 2 Planes P0 and P1 with Same Data
(Reads as 0x00)
X1
10
00
10
0x62
Write Digit 3 Planes P0 and P1 with Same Data
(Reads as 0x00)
X1
10
00
11
0x63
Table 5. Register Address Map
COMMAND BYTE
ADDRESS RANGE
AUTOINCREMENT BEHAVIOR
x0000000 to x0000100
Command byte address autoincrements after byte read or written.
x0000101
Command byte address remains at x0000101 after byte read or written, but the font
address pointer autoincrements.
x0000110
Factory reserved; do not write to this register.
x000111 to x1111110
Command byte address autoincrements after byte read or written.
x1111111
Command byte address remains at x1111111 after byte read or written.
Table 4. Command Address Autoincrement Rules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com