Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6953 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6953
Description  2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 ??7 Matrix LED Display Driver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6953 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6953_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 14Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 15Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 16Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 17Page - Maxim Integrated Products MAX6953_V01 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
2-Wire Interfaced, 2.7V to 5.5V, 4-Digit 5 7
Matrix LED Display Driver
14
______________________________________________________________________________________
Global Clear Digit Data (R Data Bit D5) Format
When global digit data clear is set, the digit data for
both planes P0 and P1 for all digits are cleared during
the acknowledge (Table 13).
Blink Phase Readback (P Data Bit D7) Format
When the configuration register is read, the P bit
reflects the state of the blink output pin at that time
(Table 14).
Character Generator Font Mapping
The font is a 5 7 matrix comprising 104 characters in
ROM, and 24 user-definable characters. The selection
from the total of 128 characters is represented by the
lower 7 bits of the 8-bit digit registers. The most-signifi-
cant bit, shown as x in the ROM map, is zero to light
LEDs as shown by the black segments in Table 15, and
1 to display the inverse.
The character map follows the Arial font for 96 charac-
ters in the range 0x0101000 through x1111111. The
first 32 characters map the 24 user-definable positions
(RAM00 to RAM23), plus eight extra common charac-
ters in ROM.
User-Defined Fonts
The 24 user-definable characters are represented by
120 entries of 7-bit data, five entries per character, and
are stored in MAX6953's internal RAM.
The 120 user-definable font data entries are written and
read through a single register, address 0x05. An
autoincrementing font address pointer in the MAX6953
indirectly accesses the font data. The font address
pointer can be written, setting one of 120 addresses
between 0x00 and 0xF7, but cannot be read back. The
font data is written to and read from MAX6953 indirect-
ly, using this font address pointer. Unused font loca-
tions can be used as general-purpose scratch RAM,
bearing in mind that the font registers are only 7 bits
wide, not 8.
Table 16 shows how the single user-defined font regis-
ter 0x05 is used to set the font address pointer, write
font data, and read font data. A read action always
returns font data from the font address pointer position.
A write action sets the 7-bit font address pointer if the
MSB is set, or writes 7-bit font data to the font address
pointer position if the MSB is clear.
The font address pointer autoincrements after a valid
access to the user-definable font data. Auto-
incrementing allows the 120 font data entries to be writ-
ten and read back very quickly because the font point-
er address need only be set once. When the last data
location 0xF7 is written, the font address pointer autoin-
crements to address 0x80. If the font address pointer is
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
x000
x001
x010
x011
x100
x101
x110
x111
RAM00
RAM01
RAM02
RAM03
RAM04
RAM05
RAM06
RAM07
MSB
LSB
RAM08
RAM09
RAM10
RAM11
RAM12
RAM13
RAM14
RAM15
RAM16
RAM17
RAM18
RAM19
RAM20
RAM21
RAM22
RAM23
Table 15. Character Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com