Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB4002AQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PI3USB4002AQ
Description  Ultra-High Voltage Protection USB2 SPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4002AQ Datasheet(HTML) 4 Page - Diodes Incorporated

  PI3USB4002AQ Datasheet HTML 1Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 2Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 3Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 4Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 5Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 6Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 7Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 8Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PI3USB4002AQ
A Product Line of
Diodes Incorporated
www.diodes.com
January 2021
Diodes Incorporated
PI3USB4002AQ
Document Number DS41995 Rev 1-2
Storage Temperature ..........................................................–65°C to +150°C
Supply Voltage (VDD) to Ground Potential .........................–0.3V to +6V
Channel Input/Output Voltage (L0+/-) .................................–0.3V to +6V
Channel Input/Output Voltage (C0+/-) ...............................–0.3V to +24V
Reference Pin Voltage (REF) to Ground Potential..............–0.3V to +24V
Control Pins Input Voltage (EN).............................................–0.3V to +6V
ESD (All Pins).............................................2KV (HBM) and 1KV (CDM)
Channel Input/Output Current (L0/C0)...........................................±25mA
Note:
Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Symbol
Description
Test Conditions
Min.
Typ. Max. Units
VDD
Power Supply
2.7
3.3
5.5
V
VI/O
Analog Voltage Range
0
5.5
V
VI
Voltage Range for Control Pins
0
5.5
V
IDD
Current Consumption in Normal Operation VDD =3.3V, VIO =0V, EN= Low
35
45
µA
IDDQ
Chip Disabled Current Consumption
VDD =3.3V, VIO =0V, EN= High
1
2
µA
TA
Operating Temperature Range
-40
125
oC
DC Electrical Characteristics for Switching over Operating Range
(TA = -40°C to 125°C, Typical values are at VDD = 3.3V, TA = 25°C, EN=0V, REF=NC (unless otherwise noted))
Parameter
Description
Test Conditions
Min.
Typ. Max. Units
Control Pins – EN
VIH - cntrl signals Input HIGH Voltage for EN
VDD = 2.7-5.5V
1.2
V
VIL - cntrl signals Input LOW Voltage for EN
VDD = 2.7-5.5V
0.6
V
IIH
Input HIGH Current for EN
VI = 5.5V
-1
1
µA
IIL
Input LOW Current for EN
VI = 0V
-1
1
µA
High Speed IO – L0/C0
VOVP
CO± OVP trigger voltage
4.6
4.75
5.0
V
Ron
ON resistance
VI/O = 0V, 0.4V, Ion = –8mA
5
10
Ω
Δ Ron
On resistance between + and – channel VI/O = 0V, 0.4V, Ion = –8mA
0.5
1
Ω
Ron_Flat
ON resistance flatness
VI/O = 0V, 0.4V, Ion = –8mA
0.2
0.5
Ω
Ioff
CO± Power-off leakage
VDD = 0V, VCO+/- = 0 – 3.6V
-1
1
µA
IOC
Channel off leakage current
EN = VDD = 3.3V, VI/O = 0 –
3.6V
-1
1
µA
ION
Channel on leakage current
EN = 0V, VDD = 3.3V, VI/O =
0 – 3.6V
-1
1
µA
IOVP
Leakage current on C0+/C0- in OVP
mode
EN = 0V, VDD = 3.3V, VC0+ or
VC0- = 20V
1
mA
ZON_GND
On state impedance to GND
EN = 0V, VDD = 3.3V, VI/O =
0 – 3.6V
3.5
7
MΩ



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com