Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3USB4002AQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB4002AQ
Description  Ultra-High Voltage Protection USB2 SPST Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB4002AQ Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB4002AQ Datasheet HTML 1Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 2Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 3Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 4Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 5Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 6Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 7Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 8Page - Diodes Incorporated PI3USB4002AQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
www.diodes.com
January 2021
Diodes Incorporated
PI3USB4002AQ
Document Number DS41995 Rev 1-2
Features
Î
Î
Differential Bi-Directional SPST Switch
Î
Î
Wide Input Voltage Range: 0-5.5V
Î
Î
Wide bandwidth: 1GHz
Î
Î
Ultra-low Con: 7pF
Î
Î
Ultra-low Ron: 5Ω (typ)
Î
Î
Low Propagation Delay, 0.25ns typ
Î
Î
Low Off-Isolation, -30dB@240MHz
Î
Î
Low Crosstalk: -35dB@240MHz,
Î
Î
Low Power Consumption: 35µA typical
Î
Î
Wide Supply Voltage 2.7-5.5V
Î
Î
Protection Feature
Î

Off-protection for current leakage in power-down mode
Î

All I/O pins are high voltage tolerance
Î
y
C0+/C0- tolerance to 24V
Î
y
L0+/- tolerance to 6V
Î
y
VDD tolerance to 6V
Î

Over-voltage protection when Vbus short to C0-/C0+ when
device is power-on and enabled
Î
Î
ESD Protection on (C0+/-)
Î

IEC61000-4-2, 10kV
Î
Î
Wide Temperature Range: -40oC to 125oC
Î
Î
Automotive Grade 1 temperature range (-40oC to 125oC)
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Î
Î
Packaging (Pb-free & Green):
Î

10-contact, UQFN (ZUA), 1.5x2mm, 0.5mm(H), 0.6mm
pitch
Description
The PI3USB4002AQ is a High voltage short and surge protector.
C0+/C0- pins can tolerate voltages up to 24V. Over-voltage protec-
tion (OVP) is implemented at 4.75V to immediately switch off the
channels when over-voltage condition is detected. PI3USB4002AQ
can pass USB2.0 signal with bandwidth 1GHz to maintain signal
integrity and eye diagram open.
Applications
Î
Î
Smart Phone, USB-C Application, Tablets, NB, PC
Block Diagram
L0+
L0-
EN
Control Logic
C0+
C0-
REF
PI3USB4002AQ
Ultra-High Voltage Protection USB2 SPST Switch
A Product Line of
Diodes Incorporated
EN
Description
H
Switches Hi-Z
L
C0± to L0±
b
P
Lead-free Green
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI3USB4002AQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DQ1ZUAEX DIODES-PI3USB4000DQ1ZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000DZUAEX DIODES-PI3USB4000DZUAEX Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
More results

Similar Description - PI3USB4002AQ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7WB66 ONSEMI-NL7WB66 Datasheet
86Kb / 10P
Ultra-Small SPST Analog Switch
August, 2003 ??Rev. P0
logo
Maxim Integrated Produc...
MAX4854H MAXIM-MAX4854H Datasheet
277Kb / 8P
Quad SPST, High-Bandwidth, Signal Line Protection Switch
19-3376; Rev 1; 1/05
logo
ON Semiconductor
NL7WB66 ONSEMI-NL7WB66_11 Datasheet
124Kb / 7P
Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66USG ONSEMI-NL7WB66USG Datasheet
124Kb / 7P
Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66 ONSEMI-NL7WB66_15 Datasheet
81Kb / 7P
Ultra-Small SPST Analog Switch
July, 2015 ??Rev. 6
logo
Infineon Technologies A...
BGSA20UGL8 INFINEON-BGSA20UGL8 Datasheet
131Kb / 2P
High RF Voltage Dual SPST Antenna Switch
Revision 2.0 2020-02-12
BGSA20VGL8 INFINEON-BGSA20VGL8 Datasheet
131Kb / 2P
High RF Voltage Dual SPST Antenna Switch
Revision 2.0 2020-02-13
logo
Diodes Incorporated
PI3USB4000D DIODES-PI3USB4000D Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
February 2021
PI3USB4000DQ DIODES-PI3USB4000DQ Datasheet
1Mb / 9P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
January 2021
PI3USB4000A DIODES-PI3USB4000A Datasheet
1Mb / 10P
Ultra-High Voltage Protection USB2 1:2 Mux/DeMux
Rev 3 - 2 January 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com