Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4IOE5V6416LEX Datasheet(PDF) 13 Page - Diodes Incorporated

Part # PI4IOE5V6416LEX
Description  Low-Voltage Translating 16-bit I2C-bus I/O Expander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6416LEX Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button PI4IOE5V6416LEX Datasheet HTML 9Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 10Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 11Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 12Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 13Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 14Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 15Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 16Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PI4IOE5V6416
www.diodes.com
September 2018
Document Number DS40821 Rev 3-2
13
© Diodes Incorporated
PI4IOE5V6416
vi.
Input Latch Register Pair (44h, 45h)
Table 16: Input latch port 0 register (address 44h)
Bit
7
6
5
4
3
2
1
0
Name
L0.7
L0.6
L0.5
L0.4
L0.3
L0.2
L0.1
L0.0
Default
0
0
0
0
0
0
0
0
Table 17: Input latch port 1 register (address 45h)
Bit
7
6
5
4
3
2
1
0
Name
L1.7
L1.6
L1.5
L1.4
L1.3
L1.2
L1.1
L1.0
Default
0
0
0
0
0
0
0
0
vii. Pull-up/Pull-down Enable Register Pair (46h, 47h)
Table 18: Pull-up/pull-down enable port 0 register (address 46h)
Bit
7
6
5
4
3
2
1
0
Name
PE0.7
PE0.6
PE0.5
PE0.4
PE0.3
PE0.2
PE0.1
PE0.0
Default
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com