Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI4IOE5V6416LEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI4IOE5V6416LEX
Description  Low-Voltage Translating 16-bit I2C-bus I/O Expander
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI4IOE5V6416LEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI4IOE5V6416LEX Datasheet HTML 1Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 2Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 3Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 4Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 5Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 6Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 7Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 8Page - Diodes Incorporated PI4IOE5V6416LEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PI4IOE5V6416
www.diodes.com
September 2018
Document Number DS40821 Rev 3-2
3
© Diodes Incorporated
PI4IOE5V6416
Pin Description
Pin Name
24-pin
TSSOP
24-pin
TQFN
24-pin
VFBGA
Description
INT
1
22
A3
Interrupt output. Connect to VDD(I2C-bus) or VDD(P) through a pull-up
resistor.
VDD(I2C_bus)
2
23
B3
Supply voltage of I2C-bus. Connect directly to the VDD of the
external I2C master. Provides voltage-level translation.
RESET
3
24
A2
Active LOW reset input. Connect to VDD(I2C-bus) through a pull-up
resistor if no active connection is used.
P0_0
4
1
A1
Port 0 input/output 0.
P0_1
5
2
C3
Port 0 input/output 1.
P0_2
6
3
B1
Port 0 input/output 2.
P0_3
7
4
C1
Port 0 input/output 3.
P0_4
8
5
C2
Port 0 input/output 4.
P0_5
9
6
D1
Port 0 input/output 5.
P0_6
10
7
E1
Port 0 input/output 6.
P0_7
11
8
D2
Port 0 input/output 7.
VSS
12
9
E2
Ground
P1_0
13
10
E3
Port 1 input/output 0.
P1_1
14
11
E4
Port 1 input/output 1.
P1_2
15
12
D3
Port 1 input/output 2.
P1_3
16
13
E5
Port 1 input/output 3.
P1_4
17
14
D4
Port 1 input/output 4.
P1_5
18
15
D5
Port 1 input/output 5.
P1_6
19
16
C5
Port 1 input/output 6.
P1_7
20
17
C4
Port 1 input/output 7.
ADDR
21
18
B5
Address input. Connect directly to VDD(P) or ground.
SCL
22
19
A5
Serial clock bus. Connect to VDD(I2C-bus) through a
pull-up resistor.
SDA
23
20
A4
Serial data bus. Connect to VDD(I2C-bus) through a
pull-up resistor.
VDD(P)
24
21
B4
Supply voltage of PI4IOE5V6416 for Port P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com