Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7978 Datasheet(PDF) 57 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 53Page - Analog Devices ADE7978_V01 Datasheet HTML 54Page - Analog Devices ADE7978_V01 Datasheet HTML 55Page - Analog Devices ADE7978_V01 Datasheet HTML 56Page - Analog Devices ADE7978_V01 Datasheet HTML 57Page - Analog Devices ADE7978_V01 Datasheet HTML 58Page - Analog Devices ADE7978_V01 Datasheet HTML 59Page - Analog Devices ADE7978_V01 Datasheet HTML 60Page - Analog Devices ADE7978_V01 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 57 of 125
ACTIVE POWER CALCULATION
The ADE7978 computes the total active power on every phase.
The calculation of total active power includes all fundamental
and harmonic components of the voltages and currents. The
ADE7978 also computes the fundamental active power, that is,
the power determined only by the fundamental components of
the voltages and currents.
TOTAL ACTIVE POWER CALCULATION
Electrical power is defined as the rate of energy flow from source
to load and is given by the product of the voltage and current
waveforms. The resulting waveform is called the instantaneous
power signal, and it is equal to the rate of energy flow at every
instant of time. The unit of power is the watt or joules/sec. If an
ac system is supplied by a voltage, v(t), and consumes the current,
i(t), and the voltage and current contain harmonics, then
(
)
k
k
k
t
k
V
t
v
ϕ
+
ω
=
∑
∞
=
sin
2
)
(
1
(25)
(
)
k
k
k
t
k
I
t
i
γ
+
ω
=
∑
∞
=
sin
2
)
(
1
where:
Vk, Ik are the rms voltage and current, respectively, of each
harmonic.
φk, γk are the phase delays of each harmonic.
The total active power is equal to the dc component of the
instantaneous power signal, that is,
∑
∞
=1
k
k
k I
V
cos(φk − γk)
This equation represents the total active power calculated in the
ADE7978 for each phase.
The equation for fundamental active power is
FP = V1I1 cos(φ1 − y1)
(26)
Figure 79 shows how the ADE7978 computes the total active
power on each phase. The ADE7978 first multiplies the current
and voltage signals in each phase. It then extracts the dc component
of the instantaneous power signal in each phase (A, B, and C)
using the LPF2 low-pass filter.
INSTANTANEOUS
PHASE A
ACTIVE POWER
CURRENT SIGNAL
FROM HPF
VOLTAGE SIGNAL
FROM HPF
LPFSEL BIT
CONFIG[5]
LPF2
APGAIN
AWATTOS
24
AWATT
:
Figure 79. Total Active Power Datapath
If the phase currents and voltages contain only the fundamental
component, are in phase (that is, φ1 = γ1 = 0), and correspond to
full-scale ADC inputs, then multiplying them results in an instan-
taneous power signal that has a dc component, V1 × I1, and a
sinusoidal component, V1 × I1 × cos(2ωt). Figure 80 shows the
corresponding waveforms.
INSTANTANEOUS
POWER SIGNAL
INSTANTANEOUS
ACTIVE POWER
SIGNAL: V rms × I rms
p(t) = V rms
× I rms – V rms × I rms × cos(2ωt)
53,982,544
V rms × I rms =
26,991,271
0
i(t) =
√2 × I rms × sin(ωt)
v(t) =
√2 × V rms × sin(ωt)
Figure 80. Active Power Calculation
Because LPF2 does not have an ideal brick wall frequency response,
the active power signal has some ripple due to the instantaneous
power signal. This ripple is sinusoidal and has a frequency equal
to twice the line frequency. Because the ripple is sinusoidal in
nature, it is removed when the active power signal is integrated
over time to calculate the energy.
Bit 5 (LPFSEL) of the CONFIG register (Address 0xE618) selects
the LPF2 strength. When LPFSEL is cleared to 0 (the default value),
the settling time is 650 ms, and the ripple attenuation is 65 dB.
When LPFSEL is set to 1, the settling time is 1300 ms, and the
ripple attenuation is 128 dB. Figure 81 shows the frequency
response of LPF2 when LPFSEL is cleared to 0. Figure 82 shows
the frequency response of LPF2 when LPFSEL is set to 1.
0
–5
–10
–15
–20
–25
0.1
1
10
FREQUENCY (Hz)
Figure 81. Frequency Response of the LPF Used to Filter Instantaneous Power
in Each Phase: LPFSEL Bit of CONFIG Register Set to 0 (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com