Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7978 Datasheet(PDF) 16 Page - Analog Devices

Part # ADE7978
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7978 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADE7978_V01 Datasheet HTML 12Page - Analog Devices ADE7978_V01 Datasheet HTML 13Page - Analog Devices ADE7978_V01 Datasheet HTML 14Page - Analog Devices ADE7978_V01 Datasheet HTML 15Page - Analog Devices ADE7978_V01 Datasheet HTML 16Page - Analog Devices ADE7978_V01 Datasheet HTML 17Page - Analog Devices ADE7978_V01 Datasheet HTML 18Page - Analog Devices ADE7978_V01 Datasheet HTML 19Page - Analog Devices ADE7978_V01 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 125 page
background image
ADE7978/ADE7933/ADE7932/ADE7923
Data Sheet
Rev. D | Page 16 of 125
Insulation and Safety Related Specifications
Table 8. Critical Safety Related Dimensions and Material Properties
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
8.3
mm
Measured from input terminals to output terminals,
shortest distance through air along the PCB
mounting plane, as an aid to PCB layout
Minimum External Tracking (Creepage)
L(I02)
8.3
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
400
V
IEC 60112
Isolation Group
II
Material Group DIN VDE 0110, 1/89, Table 1
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 Insulation Characteristics
The ADE7933/ADE7932 are suitable for reinforced electrical isolation only within the safety limit data. Maintenance of the safety data is
ensured by the protective circuits.
Table 9.
Description
Test Conditions/Comments
Symbol
Characteristic
Unit
Installation Classification per DIN VDE 0110
For Rated Mains Voltage ≤ 150 V rms
I to IV
For Rated Mains Voltage ≤ 300 V rms
I to IV
For Rated Mains Voltage ≤ 400 V rms
I to III
Climatic Classification
40/085/21
Pollution Degree per DIN VDE 0110, Table 1
2
Maximum Working Insulation Voltage
V
IORM
846
V peak
Input-to-Output Test Voltage, Method b1
V
IORM × 1.875 = Vpd(m), 100% production test,
t
ini = tm = 1 sec, partial discharge < 5 pC
V
pd(m)
1592
V peak
Input-to-Output Test Voltage, Method a
V
pd(m)
After Environmental Tests Subgroup 1
V
IORM × 1.5 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1273
V peak
After Input and/or Safety Tests Subgroup 2
and Subgroup 3
V
IORM × 1.2 = Vpd(m), tini = 60 sec, tm = 10 sec, partial
discharge < 5 pC
1018
V peak
Highest Allowable Overvoltage
V
IOTM
6000
V peak
Surge Isolation Voltage
V
PEAK = 10 kV, 1.2 µs rise time, 50 µs, 50% fall time
V
IOSM
6250
V peak
Safety Limiting Values
Maximum value allowed in the event of a failure
(see Figure 10)
Maximum Junction Temperature
T
S
150
°C
Total Power Dissipation at 25°C
P
S
2.78
W
Insulation Resistance at T
S
V
IO = 500 V
R
S
>109
Ω
AMBIENT TEMPERATURE (°C)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
Figure 10. Thermal Derating Curve, Dependence of Safety Limiting Values on Case Temperature, per DIN EN 60747-5-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com