Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5604B Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC5604B
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604B Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC5604B Datasheet HTML 32Page - NXP Semiconductors MPC5604B Datasheet HTML 33Page - NXP Semiconductors MPC5604B Datasheet HTML 34Page - NXP Semiconductors MPC5604B Datasheet HTML 35Page - NXP Semiconductors MPC5604B Datasheet HTML 36Page - NXP Semiconductors MPC5604B Datasheet HTML 37Page - NXP Semiconductors MPC5604B Datasheet HTML 38Page - NXP Semiconductors MPC5604B Datasheet HTML 39Page - NXP Semiconductors MPC5604B Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
36
NOTE
RAM data retention is guaranteed with VDD_LV not below 1.08 V.
2.14
Thermal characteristics
2.14.1
Package thermal characteristics
Table 14. LQFP thermal characteristics1
Symbol
C
Parameter
Conditions2
Pin count
Value
Unit
RθJA CC
D
Thermal resistance,
junction-to-ambient natural
convection3
Single-layer board - 1s
64
60
°C/W
100
64
144
64
Four-layer board - 2s2p
64
42
100
51
144
49
RθJB CC
D
Thermal resistance,
junction-to-board4
Single-layer board - 1s
64
24
°C/W
100
36
144
37
Four-layer board - 2s2p
64
24
100
34
144
35
RθJC CC
D
Thermal resistance,
junction-to-case5
Single-layer board - 1s
64
11
°C/W
100
22
144
22
Four-layer board - 2s2p
64
11
100
22
144
22
ΨJB CC
D
Junction-to-board thermal
characterization parameter,
natural convection
Single-layer board - 1s
64
TBD
°C/W
100
33
144
34
Four-layer board - 2s2p
64
TBD
100
34
144
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com