Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5604B Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPC5604B
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604B Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPC5604B Datasheet HTML 39Page - NXP Semiconductors MPC5604B Datasheet HTML 40Page - NXP Semiconductors MPC5604B Datasheet HTML 41Page - NXP Semiconductors MPC5604B Datasheet HTML 42Page - NXP Semiconductors MPC5604B Datasheet HTML 43Page - NXP Semiconductors MPC5604B Datasheet HTML 44Page - NXP Semiconductors MPC5604B Datasheet HTML 45Page - NXP Semiconductors MPC5604B Datasheet HTML 46Page - NXP Semiconductors MPC5604B Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
43
Table 22 provides I/O consumption figures.
In order to ensure device reliability, the average current of the I/O on a single segment should remain below
the IAVGSEG maximum value.
1 208 MAPBGA available only as development package for Nexus2+
Table 22. I/O consumption
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
ISWTSLW
,2 CC D Dynamic I/O current for
SLOW configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
20
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
16
ISWTMED
2 CC D Dynamic I/O current for
MEDIUM configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
29
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
17
ISWTFST
2
CC D Dynamic I/O current for
FAST configuration
CL = 25 pF
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
110
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
50
IRMSSLW CC D Root mean square I/O
current for SLOW
configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
2.3
mA
CL = 25 pF, 4 MHz
—
—
3.2
CL = 100 pF, 2 MHz
—
—
6.6
CL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
1.6
CL = 25 pF, 4 MHz
—
—
2.3
CL = 100 pF, 2 MHz
—
—
4.7
IRMSMED CC D Root mean square I/O
current for MEDIUM
configuration
CL = 25 pF, 13 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
6.6
mA
CL = 25 pF, 40 MHz
—
—
13.4
CL = 100 pF, 13 MHz
—
—
18.3
CL = 25 pF, 13 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
5
CL = 25 pF, 40 MHz
—
—
8.5
CL = 100 pF, 13 MHz
—
—
11
IRMSFST CC D Root mean square I/O
current for FAST
configuration
CL = 25 pF, 40 MHz
VDD = 5.0 V ± 10%,
PAD3V5V = 0
——
22
mA
CL = 25 pF, 64 MHz
—
—
33
CL = 100 pF, 40 MHz
—
—
56
CL = 25 pF, 40 MHz
VDD = 3.3 V ± 10%,
PAD3V5V = 1
——
14
CL = 25 pF, 64 MHz
—
—
20
CL = 100 pF, 40 MHz
—
—
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com