Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2215 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 5 Page - Microchip Technology

  MIC2215 Datasheet HTML 1Page - Microchip Technology MIC2215 Datasheet HTML 2Page - Microchip Technology MIC2215 Datasheet HTML 3Page - Microchip Technology MIC2215 Datasheet HTML 4Page - Microchip Technology MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006274B-page 5
MIC2215
2.0
TYPICAL PERFORMANCE CURVES
TA = +25°C, unless otherwise noted.
FIGURE 2-1:
Ground Current vs.
Temperature for LDO 1.
FIGURE 2-2:
Ground Current vs.
Temperature for LDO 2.
FIGURE 2-3:
Ground Current vs.
Temperature for LDO 3.
FIGURE 2-4:
Output Voltage vs.
Temperature for LDO 1.
FIGURE 2-5:
Output Voltage vs.
Temperature for LDO 2.
FIGURE 2-6:
Output Voltage vs.
Temperature for LDO 3.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
160
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
LOAD = 100mA
LOAD = 50mA
LOAD = 0mA
0
20
40
60
80
100
120
140
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
LOAD = 100mA
LOAD = 50mA
LOAD = 0mA
0
20
40
60
80
100
120
140
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
LOAD = 100mA
LOAD = 50mA
LOAD = 0mA
2.97
2.98
2.99
3.00
3.01
3.02
3.03
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
2.97
2.98
2.99
3.00
3.01
3.02
3.03
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
2.97
2.98
2.99
3.00
3.01
3.02
3.03
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com