Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2215 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC2215
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC2215 Datasheet HTML 2Page - Microchip Technology MIC2215 Datasheet HTML 3Page - Microchip Technology MIC2215 Datasheet HTML 4Page - Microchip Technology MIC2215 Datasheet HTML 5Page - Microchip Technology MIC2215 Datasheet HTML 6Page - Microchip Technology MIC2215 Datasheet HTML 7Page - Microchip Technology MIC2215 Datasheet HTML 8Page - Microchip Technology MIC2215 Datasheet HTML 9Page - Microchip Technology MIC2215 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
MIC2215
DS20006274B-page 6
2019 - 2022 Microchip Technology Inc.
FIGURE 2-7:
Dropout Voltage vs.
Temperature for LDO 1.
FIGURE 2-8:
Dropout Voltage vs.
Temperature for LDO 2.
FIGURE 2-9:
Dropout Voltage vs.
Temperature for LDO 3.
FIGURE 2-10:
Enable Threshold vs.
Supply Voltage for LDO 1.
FIGURE 2-11:
Enable Threshold vs.
Supply Voltage for LDO 2.
FIGURE 2-12:
Enable Threshold vs.
Supply Voltage for LDO 3.
0
50
100
150
200
250
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
250mA LOAD
50mA LOAD
150mA LOAD
V
OUT = 3V
0
50
100
150
200
250
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
250mA LOAD
50mA LOAD
150mA LOAD
V
OUT = 3V
0
50
100
150
200
250
-40 -20
0
20 40 60 80 100 120
TEMPERATURE (° C)
250mA LOAD
50mA LOAD
150mA LOAD
V
OUT = 3V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.25
3
3.75
4.5
5.25
SUPPLY VOLTAGE (V)
Enable ON
Enable OF F
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.25
3
3.75
4.5
5.25
SUPPLY VOLTAGE (V)
Enable ON
Enable OF F
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.25
3
3.75
4.5
5.25
SUPPLY VOLTAGE (V)
Enable ON
Enable OF F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com