Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T240WAS Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH08T240WAS Datasheet HTML 9Page - Texas Instruments PTH08T240WAS Datasheet HTML 10Page - Texas Instruments PTH08T240WAS Datasheet HTML 11Page - Texas Instruments PTH08T240WAS Datasheet HTML 12Page - Texas Instruments PTH08T240WAS Datasheet HTML 13Page - Texas Instruments PTH08T240WAS Datasheet HTML 14Page - Texas Instruments PTH08T240WAS Datasheet HTML 15Page - Texas Instruments PTH08T240WAS Datasheet HTML 16Page - Texas Instruments PTH08T240WAS Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
www.ti.com
C - Capacitance - F
m
6
5
4
3
2
1
RTT Resistor Selection
RTT + TBD
(1)
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
Figure 9. Capacitor Type A, 100 ≤ C(µF)xESR(mΩ) ≤ 1000
(e.g. Ceramic)
Table 2. Type A TurboTrans CO Values and Required RTT Selection Table
Transient Voltage Deviation (mV)
CO
RTT
Minimum Required Output
Required TurboTrans
25% load step
50% load step
75% load step
Capacitance (µF)
Resistor (Ω)
(2.5 A)
(5 A)
(7.5 A)
tbd
tbd
tbd
tbd
open
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
tbd
short
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming, see Equation 1
Where CO is the total output capacitance in µF. CO values greater than or equal to TBD µF require RTT to be a
short, 0Ω.
To ensure stability, a minimum amount of output capacitance is required for a given RTT resistor value. The value
of RTT must be calculated using the minimum required output capacitance determined from the capacitor
transient response charts above.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com