Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH08T240WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH08T240WAS Datasheet HTML 1Page - Texas Instruments PTH08T240WAS Datasheet HTML 2Page - Texas Instruments PTH08T240WAS Datasheet HTML 3Page - Texas Instruments PTH08T240WAS Datasheet HTML 4Page - Texas Instruments PTH08T240WAS Datasheet HTML 5Page - Texas Instruments PTH08T240WAS Datasheet HTML 6Page - Texas Instruments PTH08T240WAS Datasheet HTML 7Page - Texas Instruments PTH08T240WAS Datasheet HTML 8Page - Texas Instruments PTH08T240WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.ti.com
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
220 µF
(Required)
VO
RSET
1%
0.05 W
(Required)
CI
220 µF
(Required)
RUVLO
1%
0.05 W
(Opional)
VOAdj
TurboTranst
VO
VI
PTH08T240W
5
9
+
8
VI
Track
GND
TT
4
3
GND
GND
+Sense
6
L
O
A
D
−Sense
GND
+
Inhibit
INH/UVLO
Track
10
7
−Sense
+Sense
SYNC
1
SmartSync
2
11
CI2
22 µF
(Optional)
ENVIRONMENTAL AND ABSOLUTE MAXIMUM RATINGS
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
B.
When VO > 3.3 V the minimum required output capacitance increases to 330 µF.
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see the TI
website at www.ti.com.
(Voltages are with respect to GND)
UNIT
VI
Input voltage
Track
–0.3 to VI +0.3
V
TA
Operating temperature range Over VI range
–40 to 85
PTH08T240WAH
235
Surace temperature of module body or pins for
Twave
Wave soldering temperature
5 seconds maximum.
PTH08T240WAD
260
°C
PTH08T240WAS
235(1)
Treflow Solder reflow temperature
Surface temperature of module body or pins
PTH08T240WAZ
260(1)
Tstg
Storage temperature
–40 to 125
Mechanical shock
Per Mil-STD-883D, Method 2002.3 1 mssec, 1/2 sine, mounted
TBD
Suffix AH and AD
TBD
G
Mechanical vibration
Mil-STD-883D, Method 2007.2 20-2000 Hz
Suffix AS and AZ
TBD
Weight
5
grams
Flammability
Meets UL94V-O
(1) During reflow of surface mount package version do not elevate peak temperature of the module, pins or internal components above the
stated maximum.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com