Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49CB01Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6C49CB01Q
Description  Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C49CB01Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6C49CB01Q Datasheet HTML 1Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 2Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 3Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 4Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 5Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 6Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.diodes.com
September 2019
Diodes Incorporated
PI6C49CB01Q
Document Number DS42271 Rev 1-2
Block Diagram
Description
The PI6C49CB01Q is a 1-to-1 Differential-to-LVCMOS/LVTTL
Translator High Performance Buffer. The differential input is
highly flexible and can accept LVPECL, LVDS, LVHSTL, SSTL,
and HCSL. The small 8-lead SOIC footprint makes this device
ideal for use in applications with limited board space.
Features
Î
Î
One LVCMOS/LVTTL output
Î
Î
Differential CLK/nCLK input pair
Î
Î
CLK/nCLK pair can accept the following differential input
levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
Î
Î
Output frequency: 360MHz
Î
Î
Part-to-part skew: 500ps (maximum)
Î
Î
Additive phase jitter, RMS: 0.09ps (typical), 3.3V output
Î
Î
Full 3.3V and 2.5V operating supply
Î
Î
-40°C to 105°C ambient operating temperature
Î
Î
AEC-Q100 Qualified
Î
Î
Automotive Grade 2 temperature range (-40 to 105 °C)
Î
Î
Automotive Grade 3 temperature range (-40 to 85 °C)
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
Î
The PI6C49CB01Q is suitable for automotive applications
requiring specific change control and is AEC-Q100 qualified,
has a grade 2, -40 to 105 °C temperature rating and grade
3, -40 to 85 °C temperature rating, is PPAP capable, and is
manufactured in IATF16949:2016 certified facilities.
Î
Î
Package: 8-Pin, SOIC (W)
Q0
Pulldown
CLK
nCLK Pullup
A product Line of
Diodes Incorporated
PI6C49CB01Q
Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.
b
P
Lead-free Green


Similar Part No. - PI6C49CB01Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49CB01J DIODES-PI6C49CB01J Datasheet
1Mb / 7P
Industrial Grade 1-to-1 Differential-to-LVCMOS/LVTTL Translator
January 2021 Rev 2-2
PI6C49CB01JWEX DIODES-PI6C49CB01JWEX Datasheet
1Mb / 7P
Industrial Grade 1-to-1 Differential-to-LVCMOS/LVTTL Translator
January 2021 Rev 2-2
More results

Similar Description - PI6C49CB01Q

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Integrated Device Techn...
ICS83021I IDT-ICS83021I Datasheet
654Kb / 12P
1-TO-1 DIFFERENTIAL- TO-LVCMOS/LVTTL TRANSLATOR
logo
Pericom Semiconductor C...
PI6C49X0201 PERICOM-PI6C49X0201 Datasheet
1Mb / 6P
1-To-1 Differential-to-LVCMOS/LVTTL Translator
logo
Micrel Semiconductor
SY733021U MICREL-SY733021U Datasheet
556Kb / 11P
2.5/3.3V 1-to-1 Differential to LVCMOS/LVTTL Translator
logo
Integrated Device Techn...
83021I IDT-83021I Datasheet
320Kb / 12P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Diodes Incorporated
PI6C49CB02Q DIODES-PI6C49CB02Q Datasheet
1Mb / 10P
Automotive AEC-Q100 Qualified Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
September 2019
logo
Renesas Technology Corp
830S21I-01 RENESAS-830S21I-01 Datasheet
548Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
830S21I RENESAS-830S21I Datasheet
547Kb / 13P
1-to-1 2.5V, 3.3V Differential-to-LVCMOS/LVTTL Translator
December 10, 2015
83021I RENESAS-83021I Datasheet
513Kb / 13P
1-to-1 Differential-to-LVCMOS/LVTTL Translator
December 14, 2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com