Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49CB01Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6C49CB01Q
Description  Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C49CB01Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6C49CB01Q Datasheet HTML 1Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 2Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 3Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 4Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 5Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 6Page - Diodes Incorporated PI6C49CB01Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.diodes.com
September 2019
Diodes Incorporated
PI6C49CB01Q
Document Number DS42271 Rev 1-2
A product Line of
Diodes Incorporated
PI6C49CB01Q
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Supply Voltage, VDD ................................... 4.6V
Inputs, V
I ................................ –0.5V to VDD +0.5V
Output, VO ...............................–0.5V to VDD +0.5V
Package Thermal Impedance, θJA ..............103°C/W (0 lfpm)
Storage Temperature, TSTG ...................... -65°C to 150°C
ESD Protection (Input) ................... 2000V min (HBM)
Junction Temperature ..........................125oC (Max)
Note:
Stresses beyond those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. These rat-
ings are stress specifications only. Functional operation of
product at these conditions or any conditions beyond those
listed in the DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions
for extended periods may affect product reliability.
Power Supply DC Characteristics, VDD = 3.3V ± 0.3V or 2.5V ± 5%, T
A = -40°C to 105°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD
Positive Supply Voltage
3.0
3.3
3.6
V
2.375
2.5
2.625
V
IDD
Power Supply Current
25MHz, unloaded
25
mA
250MHz, unloaded
35
mA
LVCMOS / LVTTL DC Characteristics, VDD = 3.3V ± 0.3V or 2.5V ± 5%, T
A = -40°C to 105°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
V
OH
Output High Voltage(1)
VDD = 3.6V
2.6
3.6
V
VDD = 2.625V
1.8
2.625
V
V
OL
Output Low Voltage(1)
VDD = 3.6V or 2.625V
0.5
V
Note:
1. Outputs terminated with 50Ω to VDD/2.
DC Electrical Characteristics
Differential DC Characteristics, VDD = 3.3V ± 0.3V or 2.5V ± 5%, T
A = -40°C to 105°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
I
IH
Input High Current
nCLK
V
IN = VDD = 3.6V or 2.625V
5
μA
CLK
V
IN = VDD = 3.6V or 2.625V
150
μA
I
IL
Input Low Current
nCLK
V
IN = 0V, VDD = 3.6V or 2.625V
-150
μA
CLK
V
IN = 0V, VDD = 3.6V or 2.625V
-5
μA
V
PP
Peak-to-Peak Input Voltage
0.15
1.3
V
V
CRM
Common Mode Input Voltage(1)(2)
GND +
0.5
VDD –
0.85
V
Note:
1. For single ended applications, the maximum input voltage for CLK, nCLK is VDD + 0.3V.
2. Common mode voltage is defined as (VIH + VIL)/2.
Recommended Operation Conditions
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (Automotive Grade 2)
-40
105
o
C
Ambient Operating Temperature (Automotive Grade 3)
-40
85
o
C
Power Supply Voltage (measured in respect to GND)
2.375
3.465
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com