Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2800S Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # DAC2800S
Description  5.4W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2800S Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  DAC2800S Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APPLICATION NOTES
POWER SUPPLIES
The output voltage of the DAC2812S and DAC2815S may
be adjusted from 90% to 110% of nominal value by the use of
a 150K
Ω potentiometer as shown. Adjustment beyond this
range is possible however certain characteristics of the con-
verter such as but not limited to input voltage range, efficiency,
ripple and temperature performance will change. Characteriza-
tion by the user is recommended in such applications.
Adjust/comp (pin 4) may be driven by external circuitry refer-
enced to pin 2 (-output) if desired.
Grounding pin 4 causes
voltage to increase (25% typically) while driving pin 4 above
1.3V causes output voltage to decrease. Pin 4 may be driven
negative without damage, however the resultant increase in
converter output voltage should be considered. Pin 4 may be
driven through 10K
Ω or more if connection of the comp func-
tion is also required.
The comp function of pin 4 allows load transient response to
be tailored to suit specific application requirements. This fea-
ture may be utilized by connecting a 10 or less nF capacitor
between pins 4 and 1.
Note: The DAC2812S and DAC2815S use pin 4 while the
DHC2803S and DHC2805S use pin 3.
Rev. C 7/04
5
SHUTDOWN PLUS
Pin 5 is used for remote shutdown, output fault detection,
and/or setting the input voltage point at which the converter
will turn on as shown in the typical application diagram. No
connection to pin 5 is necessary for normal operation of the
converter. Pin 5 is referenced to the pin 7 (-input).
Shutdown may be implemented by simply connecting pin 5
to an open collector logic output or switch rated at 2.5mA,
25Vdc or higher.
Input voltage turn on point is programmed with a single resis-
tor from pin 5 to 7. An input turn on/off hysteresis (typically
3.5% of Vin) will be observed. This should be considered when
making or verifying set point adjustment.
The value of the
setpoint resistor may be determined by the following:
R=
(±10% accuracy at 25°C)
Set point temperature coefficient is typically +400ppm/°C.
Output fault monitoring is accomplished by observing pin 5
with a high impedance monitoring circuit. Pin 5 voltage drops
from over 10V to below 1V when a load fault causes the con-
verters fault protection circuitry to activate. It will remain low
for at least 100mS and return high.
If the load fault is still
present pin 5 will return low and the cycle will repeat. A resis-
tor >400K
Ω from pin 5 to 7 provides pull down for pin 5 if
there is no input setpoint programming resistor already in place.
210·10³
ETO-9.5
LOAD FAULT RESPONSE
The MSK families of DC-DC converters share load fault phi-
losophies. Load fault conditions include short-circuit and se-
vere overload conditions. The DAC2800S converter series re-
sponds to load faults by turning off all power conversion cir-
cuits for 250mS and then attempting to restart for 10mS (typi-
cal). The net "on" duty factor during a fault is very low result-
ing in low converter dissipation and immunity from overheating
at 125°C.
Current beyond rated can flow into the load at
startup time. This allows the converter to bring up capacitive
and other difficult load types more reliably than competing con-
verters.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com