Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC2800S Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # DAC2800S
Description  5.4W DC-DC CONVERTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DAC2800S Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  DAC2800S Datasheet HTML 1Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 2Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 3Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 4Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 5Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 6Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 7Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 8Page - M.S. Kennedy Corporation DAC2800S Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
Wave Solderable Package
All Ceramic Capacitors
Surface Mount Magnetics
MIL STD 461C CR03 (DC-DC Converters)
80 Volt Input Transient Tolerent
Wide Supply Range - 11V to 50V
High Isolation - 500V
High Power Density - 15 W/in³
Output Voltage Adjustment - Standard
Remote Shutdown
Operates to 11V Input at 5W
Available with 12V or 15V Outputs
See DHC2800S Series for 3.3V and 5.0V Versions
Available Soon to DSCC SMD 5962-93093, 5962-94631,
5962-93094 and 5962-94630
Replaces Interpoint MSA2812S, MSA2815S and
IR ASA2812S, ASA2815S
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
5.4W
DC-DC
CONVERTERS
DAC2800S
DESCRIPTION:
Rev. C 7/04
1
SERIES
FEATURES:
The DAC2812S and DAC2815S DC-DC converters are higher output voltage companion devices to MSK's
DHC types. The DAC's provide the ruggedness, reliability and features required to meet the advanced design
challenges of today's hi-rel market. This has been accomplished while retaining a power density of 15 W/
in3 and 375 mW/gram of power/package performance. The use of advanced substrate and reflow soldering
techniques during construction results in a rugged, cost-effective and completely solderable package.
The DAC2800S hybrid converter series utilizes all ceramic capacitors, surface mount magnetics, and
ultrasonically bonded wires to provide reliable operation at all operating temperatures.
The DAC2800S series standard features include output fault monitoring and/or turn on voltage point
programming via the shutdown pin. All three functions may be implemented simultaneously with a minimum
of external components. An output voltage adjustment / load compensation pin which adjusts outputs
simultaneously is also standard.
Fault tolerant design protects these converters from most external circuit faults. The +output and output
adjust pins will withstand +25 V while the shutdown pin will withstand +50 V, protecting the converters
from a variety of system or board faults; e.g. solder bridges etc. Unique load fault protection circuitry allows
this converter to pull up loads having difficult static load line characteristics and allows short term load
excursions significantly beyond ratings in most applications.
A transformer isolated flyback converter topology operating at a switching frequency of 400 kHz allows
operation over a wide input voltage range. Internal filtering of outputs eliminates the need for external
capacitors in many applications.
The 8-pin package
is hermetically sealed and isolated from the internal circuits. Heat sinking is
recommended for full power operation at elevated ambient temperatures.


Similar Part No. - DAC2800S

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
DAC2800D MSK-DAC2800D Datasheet
192Kb / 7P
6W DUAL DC - DC CONVERTERS
More results

Similar Description - DAC2800S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com