Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP9004AL-TF Datasheet(PDF) 8 Page - Interpion semiconductor

Part # IP9004AL-TF
Description  5-CH MOTOR DRIVE IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9004AL-TF Datasheet(HTML) 8 Page - Interpion semiconductor

Back Button IP9004AL-TF Datasheet HTML 4Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 5Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 6Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 7Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 8Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 9Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 10Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 11Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 12Page - Interpion semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
August. 2004 (Rev. 0)
- 8 -
IP9004A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
ELECTRICAL CHARACTERISTICS CURVES (Continued)
-25
0
25
50
75
100
125
5.0
5.2
5.4
5.6
5.8
6.0
Vom vs. Temp (CH3)
Vom(V)
Vref=2.5V, Vin=5V
Temp(
oC)
6
8
10
12
10
12
14
16
18
20
Load=12ohm
Input=0.1rms
Gvs vs. Vcc (CH3)
Gvs(dB)
Vcc(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com