Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP9004AL-TF Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP9004AL-TF
Description  5-CH MOTOR DRIVE IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP9004AL-TF Datasheet(HTML) 1 Page - Interpion semiconductor

  IP9004AL-TF Datasheet HTML 1Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 2Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 3Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 4Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 5Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 6Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 7Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 8Page - Interpion semiconductor IP9004AL-TF Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August. 2004 (Rev. 0)
- 1 -
IP9004A
5-CH MOTOR DRIVE IC
www.interpionsemi.com
The IP9004A is a 5-CH motor driver for CD-P/VCDP/
DVDP systems. It is composed of 4-CH BTL driver
and 1-CH forward/reverse controlled DC motor driver.
- 4-CH BTL(Balanced Transfomerless) driver
- 1-CH forward/reverse controlled DC motor driver
- Built-in TSD (thermal shut down) circuit
- Built-in mute circuit
- Built-in MSC (motor speed control) circuit
- Built-in 5V regulator with an external PNP TR
- Operating supply voltage (4.5V~13.2V)
DESCRIPTIONS
ORDER INFORMATION
FEATURES
32SSOPH375-B
Device
Package
Operating Temp
IP9004A
32SSOPH
-35OC ~ +85OC
IP9004AL
32SSOPH
-35OC ~ +85OC
IP9004A-TF
32SSOPH
-35OC ~ +85OC
IP9004AL-TF
32SSOPH
-35OC ~ +85OC
- L : Lead Free products
- TF : Tape & Reel packing
- L-TF : Lead Free and Tape & Reel packing


Similar Part No. - IP9004AL-TF

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP9001 INTERPION-IP9001 Datasheet
665Kb / 32P
4-CH MOTOR DRIVE IC FOR PORTABLE CDP
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
IP9005-TF INTERPION-IP9005-TF Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
IP9005L INTERPION-IP9005L Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
IP9005L-TF INTERPION-IP9005L-TF Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
More results

Similar Description - IP9004AL-TF

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
IP4001 INTERPION-IP4001 Datasheet
705Kb / 23P
5-CH MOTOR DRIVE IC
logo
List of Unclassifed Man...
AD6392 ETC1-AD6392 Datasheet
567Kb / 22P
4-CH MOTOR DRIVE IC
logo
Interpion semiconductor
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
5-CH MOTOR DRIVE IC
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
5-CH MOTOR DRIVE IC
IP9008 INTERPION-IP9008 Datasheet
200Kb / 12P
5-CH MOTOR DRIVE IC 2-Reg controllers
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
5-CH Motor Drive IC
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
4-CH MOTOR DRIVE IC
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
2-ch Motor drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com