Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49CB02Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI6C49CB02Q
Description  Automotive AEC-Q100 Qualified Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C49CB02Q Datasheet(HTML) 1 Page - Diodes Incorporated

  PI6C49CB02Q Datasheet HTML 1Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 2Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 3Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 4Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 5Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 6Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 7Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 8Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.diodes.com
September 2019
Diodes Incorporated
PI6C49CB02Q
Document Number DS42252 Rev 1-2
A product Line of
Diodes Incorporated
PI6C49CB02Q
Automotive AEC-Q100 Qualified Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
b
P
Lead-free Green
Block Diagram
Description
The PI6C49CB02Q is an automotive qualified low skew, 1-to-
2 LVCMOS/LVTTL High Performance Fanout Buffer. The
PI6C49CB02Q has a single ended clock input. The single ended
clock input accepts LVCMOS or LVTTL input levels. The
PI6C49CB02Q features a pair of LVCMOS/LVTTL outputs.
Guaranteed output and part-to-part skew characteristics make
the PI6C49CB02Q ideal for clock distribution applications
demanding well defined performance and repeatability.
Features
Î
Î
2 LVCMOS / LVTTL outputs
Î
Î
LVCMOS / LVTTL clock input accepts LVCMOS or LVTTL
input levels
Î
Î
Maximum output frequency: 250MHz
Î
Î
Output skew: 25ps (typical)
Î
Î
Part-to-part skew: 250ps (typical)
Î
Î
Small 8 lead SOIC package saves board space
Î
Î
Full 3.3V, 2.5V operation modes
Î
Î
AEC-Q100 Qualified
Î
Î
Automotive Grade 2 temperature range (-40 to 105 °C)
Î
Î
Automotive Grade 3 temperature range (-40 to 85 °C)
Î
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Î
Halogen and Antimony Free “Green” Device (Note 3)
Î
Î
The PI6C49CB02Q is suitable for automotive applications
requiring specific change control and is AEC-Q100 qualified,
has a grade 2, -40 to 105 °C temperature rating and grade
3, -40 to 85 °C temperature rating, is PPAP capable, and is
manufactured in IATF16949:2016 certified facilities.
Î
Î
Package: 8-Pin, SOIC (W)
Q0
Q1
CLK
Pin Assignment
1
VDDO
5
6
7
8
4
3
2
Q1
VDDO
GND
Q0
GND
CLK
VDD
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI6C49CB02Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C49CB02J DIODES-PI6C49CB02J Datasheet
1Mb / 8P
Industrial Grade Low-Skew, 1-to-2 LVCMOS/LVTTL Fanout Buffer
February 2021
PI6C49CB02JWEX DIODES-PI6C49CB02JWEX Datasheet
1Mb / 8P
Industrial Grade Low-Skew, 1-to-2 LVCMOS/LVTTL Fanout Buffer
February 2021
More results

Similar Description - PI6C49CB02Q

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8302 ICST-ICS8302 Datasheet
133Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. C JUNE 15, 2004
ICS83115 ICST-ICS83115 Datasheet
180Kb / 9P
LOW SKEW, 1-TO-16 LVCMOS / LVTTL FANOUT BUFFER
REV. A SEPTEMBER 21, 2004
ICS8302I ICST-ICS8302I Datasheet
100Kb / 9P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
REV. A February 20, 2009
logo
Pericom Semiconductor C...
PI6C49X0202 PERICOM-PI6C49X0202 Datasheet
944Kb / 7P
Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83026I-01 IDT-ICS83026I-01_10 Datasheet
346Kb / 15P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVCMOS/LVTTL FANOUT BUFFER
83115 IDT-83115 Datasheet
161Kb / 11P
Low Skew, 1-TO-16 LVCMOS/LVTTL Fanout Buffer
logo
Diodes Incorporated
PI6C49CB04CQ DIODES-PI6C49CB04CQ Datasheet
1Mb / 16P
AEC-Q100 Qualified Low Skew 1 to 4 Automotive Clock Buffer
October 2019
PI6C49CB01Q DIODES-PI6C49CB01Q Datasheet
1Mb / 7P
Automotive AEC-Q100 Qualified 1-to-1 Differential-to-LVCMOS/LVTTL Translator
September 2019
logo
Renesas Technology Corp
8302I RENESAS-8302I Datasheet
250Kb / 11P
LOW SKEW, 1-TO-2 LVCMOS / LVTTL FANOUT BUFFER
March 4, 2016
83026I-01 RENESAS-83026I-01 Datasheet
372Kb / 16P
Low Skew, 1-to-2 Differential-to-LVCMOS/LVTTL Fanout Buffer
December 15, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com