Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C49CB02Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI6C49CB02Q
Description  Automotive AEC-Q100 Qualified Low Skew, 1-To-2 LVCMOS / LVTTL Fanout Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI6C49CB02Q Datasheet(HTML) 3 Page - Diodes Incorporated

  PI6C49CB02Q Datasheet HTML 1Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 2Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 3Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 4Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 5Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 6Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 7Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 8Page - Diodes Incorporated PI6C49CB02Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.diodes.com
September 2019
Diodes Incorporated
PI6C49CB02Q
Document Number DS42252 Rev 1-2
A product Line of
Diodes Incorporated
PI6C49CB02Q
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Maximum Supply Voltage, VDD, VDDO .................. 4.6V
Inputs, V
I ................................ –0.5V to VDD +0.5V
Output, V
O ............................. –0.5V to VDDO +0.5V
Storage Temperature ........................... -65°C to 150°C
ESD Protection (HBM) ..............................2000V
Junction Temperature.......................... 125°C (Max)
Note:
Stresses beyond those listed under Absolute Maximum
Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional
operation of product at these conditions or any condi-
tions beyond those listed in the DC Characteristics or AC
Characteristics
is not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect product reliability.
Power Supply DC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
3.3V Operation
3.135
3.3
3.465
V
2.5V Operation
2.375
2.5
2.625
VDDO
Output Power Supply Voltage
3.3V Supply
3.135
3.3
3.465
V
2.5V Supply
2.375
2.5
2.625
IDD
Power Supply Current
T
A = -40°C to 85°C
5
mA
IDDO
Output Supply Current
Unloaded, 25 MHz, T
A = -40°C to
85°C
6.5
mA
IDD
Power Supply Current
T
A = -40°C to 105°C
5
mA
IDDO
Output Supply Current
Unloaded, 25 MHz, T
A = -40°C to
105°C
6.5
mA
Note: Parameters measured up to fmax unless otherwise noted.
Recommended Operation Conditions
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature (Automotive Grade 2)
-40
+105
°C
Ambient Operating Temperature (Automotive Grade 3)
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+2.375
+3.465
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com