Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6532D/F Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # 71M6532D/F
Description  Energy Meter IC
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6532D/F Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button 71M6532D/F Datasheet HTML 36Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 37Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 38Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 39Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 40Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 41Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 42Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 43Page - Maxim Integrated Products 71M6532D/F Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 121 page
background image
Data Sheet 71M6531D/F-71M6532D/F
FDS 6531/6532 005
40
Rev 2
Table 38: Bank Switching with FL_BANK[2:0]
71M6531D
FL_BANK [1:0]
71M653XF
FL_BANK [2:0]
Address Range for Lower
Bank (0x000-0x7FFF)
Address Range for Upper
Bank (0x8000-0xFFFF)
000
000
0x0000-0x7FFF
0x0000-0x7FFF
001
001
0x8000-0xFFFF
010
010
0x10000-0x17FFF
011
011
0x18000-0x1FFFF
100
0x20000-0x217FF
101
0x28000-0x2FFFF
110
0x30000-0x37FFF
111
0x38000-0x3FFFF
Program Security
When enabled, the security feature limits the ICE to global flash erase operations only. All other ICE
operations are blocked. This guarantees the security of the user’s MPU and CE program code. Security
should be enabled by MPU code that is executed during the pre-boot interval (60 CKMPU cycles before
the primary boot sequence begins). Once security is enabled, the only way to disable it is to perform a
global erase of the flash, followed by a chip reset.
The first 60 cycles of the MPU boot code are called the pre-boot phase because during this phase the
ICE is inhibited. A read-only status bit, PREBOOT, identifies these cycles to the MPU. Upon completion
of pre-boot, the ICE can be enabled and is permitted to take control of the MPU.
The security enable bit, SECURE, is reset whenever the chip is reset. Hardware associated with the bit
permits only ones to be written to it. Thus, pre-boot code may set SECURE to enable the security feature
but may not reset it. Once SECURE is set, the pre-boot code is protected and no external read of program
code is possible
Specifically, when SECURE is set, the following applies:
•
The ICE is limited to bulk flash erase only.
•
Page zero of flash memory, the preferred location for the user’s pre-boot code, may not be
page-erased by either MPU or ICE. Page zero may only be erased with global flash erase.
•
Write operations to page zero, whether by MPU or ICE are inhibited.
MPU/CE RAM:
The 71M6531D/F and 71M6532D/F include 4 KB of static RAM memory on-chip (XRAM) plus 256-bytes
of internal RAM in the MPU core. The 4 KB of static RAM are used for data storage for MPU and CE
operations.
1.5.6 Optical Interface
The device includes an interface to implement an IR/optical port. The pin OPT_TX is designed to directly
drive an external LED for transmitting data on an optical link. The pin OPT_RX has the same threshold
as the RX pin, but can also be used to sense the input from an external photo detector used as the receiver
for the optical link. OPT_TX and OPT_RX are connected to a dedicated UART port (UART1).
The OPT_TX and OPT_RX pins can be inverted with configuration bits OPT_TXINV and OPT_RXINV,
respectively. Additionally, the OPT_TX output may be modulated at 38 kHz. Modulation is available when
system power is present (i.e. not in BROWNOUT mode). The OPT_TXMOD bit enables modulation. Duty
cycle is controlled by OPT_FDC[1:0], which can select 50%, 25%, 12.5% and 6.25% duty cycle. 6.25% duty
cycle means OPT_TX is low for 6.25% of the period. Figure 9 illustrates the OPT_TX generator.
When not needed for the optical UART, the OPT_TX pin can alternatively be configured as DIO2,
WPULSE, or VARPULSE. The configuration bits are OPT_TXE[1:0]. Likewise, OPT_RX can alternately
be configured as DIO1. Its control is OPT_RXDIS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com