Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7006 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB7006_V01 Datasheet HTML 17Page - Microchip Technology USB7006_V01 Datasheet HTML 18Page - Microchip Technology USB7006_V01 Datasheet HTML 19Page - Microchip Technology USB7006_V01 Datasheet HTML 20Page - Microchip Technology USB7006_V01 Datasheet HTML 21Page - Microchip Technology USB7006_V01 Datasheet HTML 22Page - Microchip Technology USB7006_V01 Datasheet HTML 23Page - Microchip Technology USB7006_V01 Datasheet HTML 24Page - Microchip Technology USB7006_V01 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00003715B-page 21
USB7006
3.4
Physical and Logical Port Mapping
The USB70xx family of devices are based upon a common architecture, but all have different modifications and/or pin
bond outs to achieve the various device configurations. The base chip is composed of a total of 6 USB3 PHYs and 7
USB2 PHYs. These PHYs are physically arranged on the chip in a certain way, which is referred to as the PHYSICAL
port mapping.
The actual port numbering is remapped by default in different ways on each device in the family. This changes the way
that the ports are numbered from the USB host’s perspective. This is referred to as LOGICAL mapping.
The various configuration options available for these devices may, at times, be with respect to PHYSICAL mapping or
LOGICAL mapping. Each individual configuration option which has a PHYSICAL or LOGICAL dependency is declared
as such within the register description.
The PHYSICAL vs. LOGICAL mapping is described for all port related pins in Table 3-7. A system design in schematics
and layout is generally performed using the pinout in Section 3.1, Pin Assignments, which is assigned by the default
LOGICAL mapping. Hence, it may be necessary to cross reference the PHYSICAL vs. LOGICAL look up tables when
determining the hub configuration.
PRT_CTL5_U3
O12
Port 5 USB 3.2 PortSplit power enable
This signal is an active high control signal used to enable to the
USB 3.2 portion of the downstream port 5 when PortSplit is
enabled. When PortSplit is disabled, this pin is not used.
Note:
This signal should only be used to control an embedded
USB 3.2 device.
Float
PRT_CTL4_U3
O12
Port 4 USB 3.2 PortSplit power enable
This signal is an active high control signal used to enable to the
USB 3.2 portion of the downstream port 4 when PortSplit is
enabled. When PortSplit is disabled, this pin is not used.
Note:
This signal should only be used to control an embedded
USB 3.2 device.
Float
PRT_CTL3_U3
O12
Port 3 USB 3.2 PortSplit power enable
This signal is an active high control signal used to enable to the
USB 3.2 portion of the downstream port 3 when PortSplit is
enabled. When PortSplit is disabled, this pin is not used.
Note:
This signal should only be used to control an embedded
USB 3.2 device.
Float
Note:
The MPLAB Connect tool makes configuration simple; the settings can be selected by the user with respect
to the LOGICAL port numbering. The tool handles the necessary linking to the PHYSICAL port settings.
Refer to Section 6.0, Device Configuration for additional information.
TABLE 3-6:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Function
Buffer
Type
Description
If Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com