Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7006 Datasheet(PDF) 17 Page - Microchip Technology

Part # USB7006
Description  6-Port USB 3.2 Gen 1 SmartHubTMController
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7006 Datasheet(HTML) 17 Page - Microchip Technology

Back Button USB7006_V01 Datasheet HTML 13Page - Microchip Technology USB7006_V01 Datasheet HTML 14Page - Microchip Technology USB7006_V01 Datasheet HTML 15Page - Microchip Technology USB7006_V01 Datasheet HTML 16Page - Microchip Technology USB7006_V01 Datasheet HTML 17Page - Microchip Technology USB7006_V01 Datasheet HTML 18Page - Microchip Technology USB7006_V01 Datasheet HTML 19Page - Microchip Technology USB7006_V01 Datasheet HTML 20Page - Microchip Technology USB7006_V01 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00003715B-page 17
USB7006
Note 3-1
The default function is not used in the USB7006.
TABLE 3-5:
PF[31:3] FUNCTION ASSIGNMENT
Pin
Configuration 3
PF3
I2S_SDI
PF4
I2S_SDO
PF5
I2S_SCK
PF6
I2S_LRCK
PF7
I2S_MCLK
PF8
NC
PF9
NC
PF10
PRT_CTL3_U3
PF11
PRT_CTL4_U3
PF12
PRT_CTL5_U3
PF13
PRT_CTL5
PF14
PRT_CTL4
PF15
PRT_CTL3
PF16
PRT_CTL2
PF17
PRT_CTL1
PF18
MSTR_I2C_CLK
PF19
MIC_DET
PF20
SPI_CE_N
PF21
SPI_CLK
PF22
SPI_D0
PF23
SPI_D1
PF24
SPI_D2
PF25
SPI_D3
PF26
SLV_I2C_CLK
PF27
SLV_I2C_DATA
PF28
PRT_CTL6
PF29
(Note 3-1)
PF30
VBUS_DET
PF31
MSTR_I2C_DATA
Note:
The default PFx pin functions can be overridden with additional configuration by modification of the pin mux
registers. These changes can be made during the SMBus configuration stage, by programming to OTP
memory, or during runtime (after hub has attached and enumerated) by register writes via the SMBus slave
interface or USB commands to the internal Hub Feature Controller Device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com