Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT32806Q Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI49FCT32806Q
Description  3.3V, 2 x 1:5 CMOS Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT32806Q Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI49FCT32806Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8495A
09/28/04
VCCB
OB0
OB1
OB2
GNDB
OB3
OB4
MON
OEB
INB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-Pin
H,Q,S
VCCA
OA0
OA1
OA2
GNDA
OA3
OA4
GNDQ
OEA
INA
3.3V, 2 x 1:5 CMOS Clock Driver
OEB
INA
OA0–4
INB
OEA
OB0–4
MON
5
5
Block Diagram
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT32806
Description
Pericom Semiconductor’s PI49FCT32806 are inverting drivers. The
outputs are configured into 2 groups of 1-in, 5-out with independent
output enable. Group B has an extra MON output. Excellent output
signals to power and ground ratio minimize power and ground noise,
and also improves output performance.
PI49FCT32806 integrate series damping resistors on all outputs.
Features
• Low output skew: <270ps
• Switching frequency of 133 MHz
• Fast output rise/fall time <1.5ns
• Low propagation delay <3.0ns
• Low input capacitance <6.0pF
• Balanced CMOS outputs
• Industrial Temperature: –40°C to +85°C
• 3.3V±10%operation
• Packaging (Pb-free & Green available):
–20-pin300-milwideSOIC(S)
–20-pin150-milwideQSOP(Q)
–20-pin209-milwideSSOP(H)
PinConfiguration
PinDescription
PinName
Description
OEA,OEB
Hi-Z State Output Enable Inputs (Active LOW)
INA, INB
Clock Inputs
OAN, OBN
Clock Outputs
MON
Monitor Output
GND
Ground
VCC
Power
Inputs
Outputs
OEA,OEB
INA,INB
OAN, OBN
MON
LL
H
H
LH
L
L
HL
Z
H
HH
Z
L
TruthTable(1)
Note:
1. H = High Voltage Level
Z = High Impedance
L = Low Voltage Level


Similar Part No. - PI49FCT32806Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32802 PERICOM-PI49FCT32802 Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802L PERICOM-PI49FCT32802L Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802LE PERICOM-PI49FCT32802LE Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802LE PERICOM-PI49FCT32802LE Datasheet
410Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
PI49FCT32802Q PERICOM-PI49FCT32802Q Datasheet
386Kb / 6P
1:5/1:7 3.3V CMOS Clock Drivers
More results

Similar Description - PI49FCT32806Q

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI49FCT32805 PERICOM-PI49FCT32805 Datasheet
425Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D Datasheet
325Kb / 7P
3.3V, 2 x 1:5 CMOS Clock Driver
PI49FCT3805D PERICOM-PI49FCT3805D_04 Datasheet
433Kb / 8P
3.3V, 2 x 1:5 CMOS Clock Driver
logo
List of Unclassifed Man...
PO74G38072A ETC2-PO74G38072A Datasheet
469Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Potato Semiconductor Co...
PO49FCT3802A POTATO-PO49FCT3802A Datasheet
566Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO49FCT32802G POTATO-PO49FCT32802G Datasheet
524Kb / 6P
3.3V 1:5 CMOS Clock Buffered Driver
PO74G38072A POTATO-PO74G38072A Datasheet
481Kb / 5P
3.3V 1:2 CMOS Clock Driver
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Pericom Semiconductor C...
PI49FCT3805DQEX PERICOM-PI49FCT3805DQEX Datasheet
423Kb / 9P
3.3V, 2 x 1:5 CMOS Clock Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com