Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI49FCT32806Q Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI49FCT32806Q
Description  3.3V, 2 x 1:5 CMOS Clock Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI49FCT32806Q Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI49FCT32806Q Datasheet HTML 1Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 2Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 3Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 4Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 5Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 6Page - Pericom Semiconductor Corporation PI49FCT32806Q Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
PS8495A
09/28/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI49FCT32806
3.3V, 2 x 1:5 CMOS Clock Driver
Capacitance (TA=25°C,f=1MHz)
Parameters(1)
Description
TestConditions
Typ
Max.
Units
CIN
Input Capacitance
VIN=0V
3.0
4
pF
COUT
Output Capacitance
VOUT=0V
–
6
pF
Storage Temperature ............................................................ –65°Cto+150°C
Ambient Temperature with Power Applied ........................... –40°Cto+85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ...... –0.5Vto+4.6V
Supply Voltage to Ground Potential (Outputs & I/O Only) .... –0.5Vto+4.6V
DC Input Voltage .................................................................... –0.5Vto+4.6V
DC Output Current .............................................................................. 120mA
Power Dissipation ................................................................................. 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Operating Range
Ambient Temperature = –40°C to +85°C, VCC =3.3V±0.3V
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
Ds
n
o
i
t
i
d
n
o
C
t
s
e
T
)
1
(
.
n
i
M.
p
y
T
)
2
(
.
x
a
Ms
t
i
n
U
V H
O
V C
C
.
n
i
m
=
V N
I
V
=
L
I
V
r
o
H
I
e
g
a
tl
o
v
h
g
i
h
t
u
p
t
u
O
I H
O
A
m
8
–
=4
.
2
)
3
(
0
.
3–
V
V L
O
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
O
V C
C
.
n
i
m
=
V N
I
V
=
L
I
V
r
o
H
I
I L
O
A
m
2
1
=–
4
.
05
.
0
V H
I
e
g
a
tl
o
v
h
g
i
h
t
u
p
n
Ic
i
g
o
l
W
O
L
0
.
2–
2
.
0
-
c
c
V
V L
I
e
g
a
tl
o
v
w
o
l
t
u
p
n
Ic
i
g
o
l
H
G
I
H
5
.
0
––
8
.
0
I H
I
t
n
e
r
r
u
c
h
g
i
h
t
u
p
n
IV C
C
V
,
V
6
.
3
=
N
I
V
6
.
3
=
––
1
µA
I L
I
t
n
e
r
r
u
c
w
o
l
t
u
p
n
IV C
C
V
,
V
6
.
3
=
N
I
V
0
=
––
1
–
I H
Z
O
I L
Z
O
e
c
n
a
d
e
p
m
i
h
g
i
H
t
n
e
r
r
u
c
t
u
p
t
u
o
V C
C
ll
a
V
6
.
3
=
d
e
l
b
a
s
i
d
s
t
u
p
t
u
o
V
T
U
O
V
=
C
C
V
T
U
O
D
N
G
=
–
–
–
–
1
1
–
V K
I
e
g
a
tl
o
v
e
d
o
i
d
p
m
a
l
CV C
C
I
,.
n
i
m
=
N
I
A
m
8
1
–
=
–7
.
0
–2
.
1
–V
I H
O
H
G
I
H
t
u
p
t
u
O
)
4
(
t
n
e
r
r
u
cV
T
U
O
V
,
V
5
.
1
=
N
I
V
=
L
I
V
r
o
H
I
V C
C
V
3
.
3
=5
2
–5
4
–0
8
–
A
m
I L
O
W
O
L
t
u
p
t
u
O
)
4
(
t
n
e
r
r
u
cV
T
U
O
V
,
V
5
.
1
=
N
I
V
=
L
I
V
r
o
H
I
V C
C
V
3
.
3
=
5
25
40
9
I S
O
ti
u
c
ri
c
t
r
o
h
S
)
5
(
t
n
e
r
r
u
cV C
C
.
x
a
m
=
V
T
U
O
D
N
G
=
0
5
–0
0
1
–0
8
1
–
RS
r
o
t
s
i
s
e
r
s
e
i
r
e
s
l
a
n
r
e
t
n
I
2
2m
h
O
DC Electrical Characteristics (Over the Operating Range)
(Please see page 3 for Notes.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com