Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC18IM700 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC18IM700
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC18IM700 Datasheet HTML 2Page - NXP Semiconductors SC18IM700 Datasheet HTML 3Page - NXP Semiconductors SC18IM700 Datasheet HTML 4Page - NXP Semiconductors SC18IM700 Datasheet HTML 5Page - NXP Semiconductors SC18IM700 Datasheet HTML 6Page - NXP Semiconductors SC18IM700 Datasheet HTML 7Page - NXP Semiconductors SC18IM700 Datasheet HTML 8Page - NXP Semiconductors SC18IM700 Datasheet HTML 9Page - NXP Semiconductors SC18IM700 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
6 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
7.1.4 Read from 18IM internal register
The host issues the internal register read command by sending an R character followed
by the registers to be read. The frame is then terminated with a P character.
Once the command is issued, SC18IM700 will access its internal registers and returns the
contents of these registers to the host.
7.1.5 Write to GPIO port
The host issues the output port write command by sending an O character followed by the
data to be written to the output port. This command enables the host to quickly set any
GPIO pins programmed as output without having to write to the SC18IM700 internal
IOState register.
7.1.6 Read from GPIO port
The host issues the input port read command by sending an I character. This command
enables the host to quickly read any GPIO pins programmed as input without having to
read the SC18IM700 internal IOState register.
Once the command is issued, SC18IM700 will read its internal IOState register and
returns its content to the host.
7.1.7 Repeated START: read after write
The SC18IM700 also supports ‘read after write’ command as specified in the Philips’
I2C-bus specification. This allows a read command to be sent after a write command
without having to issue a STOP condition between the two commands.
The host issues a write command as normal, then immediately issues a read command
without sending a STOP (P) character after the write command.
Fig 6.
Read from 18IM internal register
002aac051
R CHAR.
REGISTER 0
REGISTER N
P CHAR.
18IM responds
DATA 0
DATA N
Fig 7.
Write to output port
002aac052
O CHAR.
DATA
P CHAR.
Fig 8.
Read from output port
002aac053
I CHAR.
18IM responds
DATA
P CHAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com