Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC18IM700 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SC18IM700
Description  Master I-2C - bus controller with UART interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC18IM700 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SC18IM700 Datasheet HTML 3Page - NXP Semiconductors SC18IM700 Datasheet HTML 4Page - NXP Semiconductors SC18IM700 Datasheet HTML 5Page - NXP Semiconductors SC18IM700 Datasheet HTML 6Page - NXP Semiconductors SC18IM700 Datasheet HTML 7Page - NXP Semiconductors SC18IM700 Datasheet HTML 8Page - NXP Semiconductors SC18IM700 Datasheet HTML 9Page - NXP Semiconductors SC18IM700 Datasheet HTML 10Page - NXP Semiconductors SC18IM700 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SC18IM700_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 28 February 2006
7 of 21
Philips Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
7.1.8 Repeated START: write after write
The SC18IM700 also supports ‘write after write’ command as specified in the Philips’
I2C-bus specification. This allows a write command to be sent after a write command
without having to issue a STOP condition between the two commands.
The host issues a write command as normal, then immediately issues a second write
command without sending a STOP (P) character after the first write command.
7.1.9 Power-down mode
The SC18IM700 can be placed in a low-power mode. In this mode the internal oscillator is
stopped and SC18IM700 will no longer respond to the host messages. Enter the
Power-down mode by sending the power-down character Z (0x5A) followed by the two
defined bytes, which are 0x5A and followed by 0xA5. If the exact message is not received,
the device will not enter the power-down state.
Upon entering the power-down state, SC18IM700 places the WAKEUP pin in a HIGH
state. To have the device leave the power-down state, the WAKEUP pin should be brought
LOW. A 1 k
Ω resistor must be connected between the WAKEUP pin and V
DD.
Fig 9.
Repeated START: read after write
002aac054
NUMBER
OF BYTES
S CHAR.
SLAVE ADR.
+ W
S CHAR.
NUMBER
OF BYTES
SLAVE ADR. + R
DATA 0
DATA N
P CHAR.
18IM responds
DATA 0
DATA N
Fig 10. Repeated START: write after write
002aac055
NUMBER
OF BYTES
S CHAR.
SLAVE ADR.
+ W
S CHAR.
NUMBER
OF BYTES
SLAVE ADR. + W
DATA 0
DATA 0
DATA N
P CHAR.
DATA N
Fig 11. Power-down mode
002aac056
Z CHAR.
0x5A
0xA5
P CHAR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com