Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP4282 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP4282
Description  1.2 A Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP4282 Datasheet HTML 1Page - Vishay Siliconix SIP4282 Datasheet HTML 2Page - Vishay Siliconix SIP4282 Datasheet HTML 3Page - Vishay Siliconix SIP4282 Datasheet HTML 4Page - Vishay Siliconix SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SiP4282, SiP4282A
www.vishay.com
Vishay Siliconix
S20-0532-Rev. H, 06-Jul-2020
4
Document Number: 65740
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Fig. 4 - Quiescent Current vs. Input Voltage
Fig. 5 - Quiescent Current vs. Input Voltage
Fig. 6 - Quiescent Current vs. Temperature
Fig. 7 - Quiescent Current vs. Temperature
Fig. 8 - Off Switch Current vs. Input Voltage
Fig. 9 - Off Switch Current vs. Temperature
0
1.5
2.0
2.5
3.5
4.5
5.5
3.0
4.0
5.0
0.04
0.02
0.06
0.08
0.10
0.12
V
IN (V)
SiP4282A
0
1.0
1.5
2.0
3.0
4.0
5.5
2.5
3.5
4.5
5.0
1.0
0.5
1.5
2.0
2.5
3.0
V
IN (V)
SiP4282
0.001
- 40
- 20
0
40
80
100
20
60
0.1
0.01
1
10
Temperature (°C)
SiP4282A
V
IN = 5 V
V
IN = 3 V
0
- 40
- 20
0
40
80
100
20
60
1.5
0.5
2.5
2.0
1.0
3.0
3.5
Temperature (°C)
SiP4282
V
IN = 5 V
V
IN = 3 V
0
1.5
2.0
2.5
3.5
5.0
6.0
3.0
4.0
5.5
4.5
150
50
250
200
100
300
350
V
IN (V)
0
- 40
- 20
0
40
100
20
60
80
150
50
250
200
100
300
Temperature (°C)
V
IN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com