Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ1560R43TL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NFAQ1560R43TL
Description  Intelligent Power Module (IPM) 600 V, 15 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1560R43TL Datasheet(HTML) 1 Page - ON Semiconductor

  NFAQ1560R43TL Datasheet HTML 1Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 2Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 3Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 4Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 5Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 6Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 7Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 8Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2020
February, 2021 − Rev. 1
1
Publication Order Number:
NFAQ1560R43TL/D
Intelligent Power Module (IPM)
600 V, 15 A
NFAQ1560R43TL
The NFAQ1560R43TL is a fully−integrated inverter power stage
consisting of a high−voltage driver, six IGBTs (FS4 RC IGBT
technology) and a thermistor, suitable for driving permanent magnet
synchronous motors (PMSM), brushless−DC (BLDC) motors and AC
asynchronous motors. The IGBTs are configured in a 3−phase bridge
with separate emitter connections for the lower legs for maximum
flexibility in the choice of control algorithm. The power stage has
a full range of protection functions including cross−conduction
protection, external shutdown and under−voltage lockout functions.
An internal comparator and reference connected to the over−current
protection circuit allows the designer to set the over−current
protection level.
Features
• Three−phase 15 A/600 V IGBT Module with Integrated Drivers
• Compact 29.6 mm x 18.2 mm Dual In−Line Package
• Built−in Under Voltage Protection
• Cross−conduction Protection
• ITRIP Input to Shut Down All IGBTs
• Integrated Bootstrap Diodes and Resistors
• Thermistor for Substrate Temperature Measurement
• Shut Down Pin
• Lower EMI due to Slow Switching
• UL1557 Certification (File Number: E339285)
Typical Applications
• Industrial Pumps
• Industrial Fans
• Industrial Automation
• Home Appliances
Figure 1. Function Diagram
Three channel
half−bridge
driver
with
protection
circuits
LIN(W)
HIN(W)
LIN(V)
HIN(V)
LIN(U)
HIN(U)
LS3
HS3
LS2
HS2
LS1
HS1
HS1
HS2
HS3
LS1
LS2
LS3
www.onsemi.com
MARKING DIAGRAM
NFAQ1560R43TL = Specific Device Code
ZZZ
= Assembly Lot Code
A
= Assembly Location
T
= Test Location
Y
= Year
WW
= Work Week
Device marking is on package top side
DIP38 29.6x18.2
CASE 181AE
Device
Package
Shipping
(Qty / Packing)
ORDERING INFORMATION
NFAQ1560R43TL
DIP38
(Pb-Free)
400 / Box
NFAQ1560R43TL
ZZZATYWW


Similar Part No. - NFAQ1560R43TL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ1560R43T ONSEMI-NFAQ1560R43T Datasheet
630Kb / 15P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
More results

Similar Description - NFAQ1560R43TL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAQ0560R43T ONSEMI-NFAQ0560R43T Datasheet
654Kb / 15P
Intelligent Power Module (IPM) 600 V, 5 A
February, 2021 ??Rev. 1
NFAQ0860L33T ONSEMI-NFAQ0860L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev.
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
NFAQ1560R43T ONSEMI-NFAQ1560R43T Datasheet
630Kb / 15P
Intelligent Power Module (IPM) 600 V, 15 A
February, 2021 ??Rev. 1
STK541UC62K-E ONSEMI-STK541UC62K-E Datasheet
435Kb / 15P
Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1
STK551U392A-E ONSEMI-STK551U392A-E Datasheet
855Kb / 16P
Intelligent Power Module (IPM) 600 V, 15 A
December 2016 - Rev. 2
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com