Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ1560R43TL Datasheet(PDF) 10 Page - ON Semiconductor

Part # NFAQ1560R43TL
Description  Intelligent Power Module (IPM) 600 V, 15 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ1560R43TL Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NFAQ1560R43TL Datasheet HTML 6Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 7Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 8Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 9Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 10Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 11Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 12Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 13Page - ON Semiconductor NFAQ1560R43TL Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NFAQ1560R43TL
www.onsemi.com
10
Table 2. THERMISTOR CHARACTERISTICS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Resistance
R25
Tth = 25_C
99
100
101
kW
R100
Tth = 100_C
5.2
5.4
5.6
kW
B−Constant (25 to 50_C)
B
4208
4250
4293
K
Temperature Range
−40
−
+125
_C
Figure 13. Thermistor Resistance versus Thermistor Temperature
1
10
100
1000
10000
−40 −30 −20 −10 0
102030 40506070 8090 100 110 120 130
Tth, Thermistor Temperature (5C)
max
typ
min
max
typ
min
Figure 14. Thermistor Voltage versus Thermistor Temperature
Conditions: RTH = 39 kW, Pull−up Voltage 5.0 V (see Figure 2)
Tth, Thermistor Temperature (5C)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
−40 −30 −20 −10 0
102030
40506070
8090 100 110 120 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com