Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9602 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP9602
Description  Dual, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9602 Datasheet(HTML) 4 Page - Sipex Corporation

  SP9602 Datasheet HTML 1Page - Sipex Corporation SP9602 Datasheet HTML 2Page - Sipex Corporation SP9602 Datasheet HTML 3Page - Sipex Corporation SP9602 Datasheet HTML 4Page - Sipex Corporation SP9602 Datasheet HTML 5Page - Sipex Corporation SP9602 Datasheet HTML 6Page - Sipex Corporation SP9602 Datasheet HTML 7Page - Sipex Corporation SP9602 Datasheet HTML 8Page - Sipex Corporation SP9602 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SP9602DS/02
SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
4
Pin 13 — WR1 — Write Input1 — In conjunction
with CS (pin 14), enables input register selection,
and controls the transfer of data from the input bus
to the input registers. Active low.
Pin 14 — CS — Chip Select — Enables writing
data to input registers and/or transferring data from
input bus to DAC registers.
Pin 15 — V
OUT1 — Voltage Output from DAC1.
Pin 16 — DB
11 — Data Bit 11; most significant bit.
Pin 17 — DB
10 — Data Bit 10.
Pin 18 — DB
9 — Data Bit 9.
Pin 19 — DB
8 — Data Bit 8.
Pin 20 — DB
7 — Data Bit 7.
Pin 21 — DB
6 — Data Bit 6.
Pin 22 — DB
5 — Data Bit 5.
Pin 23 — DB
4 — Data Bit 4.
Pin 24 — DB
3 — Data Bit 3.
Pin 25 — DB
2 — Data Bit 2.
Pin 26 — DB
1 — Data Bit 1.
Pin 27 — DB
0 — Data Bit 0; LSB
Pin 28 — N.C. — No Connection.
PINOUT — 28–PIN SOIC & DIP
N.C.
VOUT2
VSS
VDD
CLR
Ref In 2
GND
B1/B2
A
Ref In 1
XFER
WR2
WR1
CS
N.C.
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
VOUT1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SP9602
PIN ASSIGNMENTS
Pin 1 — N.C. — No Connection.
Pin 2 — V
OUT 2 — Voltage Output from DAC2.
Pin 3 — V
SS — –5V Power Supply Input.
Pin 4 — V
DD — +5V Power Supply Input.
Pin 5 — CLR — Clear. Gated with WR2 (pin 12).
Active low. Clears both DAC outputs to 0V.
Pin 6 — REF IN2 — Reference Input for DAC2.
Pin 7 — GND — Ground.
Pin 8 — B1/B2 — Byte 1/Byte 2 — Selects Data
Input Format. A logic “1” on pin 8 selects the 12–
bit mode, and all 12 data bits are presented to the
DAC(s) unchanged; a logic “0” selects the 8–bit
mode, and the four LSBs are connected to the four
MSBs, allowing an 8–bit MSB–justified interface.
Pin 9 — A — Address for DAC Selection — A
logic “0” selects DAC 1; a logic “1” selects
DAC 2.
Pin 10 — REF IN1 — Reference Input for DAC1.
Pin 11 — XFER — Transfer. Gated with WR2
(pin 12); loads all DAC registers simultaneously.
Active low.
Pin 12 — WR2 — Write Input 2 — In conjunction
with XFER (pin 11), controls the transfer of data
from the input registers to the DAC registers. In
conjunction with CLR (pin 5), the DAC registers
are forced to 1000 0000 0000 and the DAC outputs
will settle to OV. Active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com