Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9602 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9602
Description  Dual, 12-Bit, Low Power Voltage Output D/A Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9602 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9602 Datasheet HTML 1Page - Sipex Corporation SP9602 Datasheet HTML 2Page - Sipex Corporation SP9602 Datasheet HTML 3Page - Sipex Corporation SP9602 Datasheet HTML 4Page - Sipex Corporation SP9602 Datasheet HTML 5Page - Sipex Corporation SP9602 Datasheet HTML 6Page - Sipex Corporation SP9602 Datasheet HTML 7Page - Sipex Corporation SP9602 Datasheet HTML 8Page - Sipex Corporation SP9602 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SP9602DS/02
SP9602 Dual, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 1999 Sipex Corporation
5
bit mode, the four least significant bits (LSBs) are
connected to the four most significant bits (MSBs),
allowing an 8-bit MSB-justified interface. All data
inputs are enabled using the CS signal in both modes.
ThedigitalinputsaredesignedtobebothTTLand5V
CMOS compatible.
InordertoreducetheDACfullscaleoutputsensitivity
to the large weighting of the MSB’s found in conven-
tionalR-2Rresistorladders,the3MSB’saredecoded
into 8 equally weighted levels. This reduces the
contribution of each bit by a factor of 4, thus, reducing
the output sensitivity to mismatches in resistors and
switches by the same amount. Linearity errors and
stability are both improved for the same reasons.
Each D/A converter is separated from the data bus by
two registers,eachconsistingoflevel-triggeredlatches,
Figure 1. The first register (input register) is 12-bits
wide.Theinputregisterisselectedbytheaddressinput
A
0 and A1 and is enabled by the CS and WR1 signals.
In the 8-bit mode, the enable signal to the 8 MSB’s
is disabled by a logic low on B1/B2 to allow the 4
LSB’s to be updated. The second register (DAC
register), accepts the decoded 3 MSB’s plus the 9
LSB’s. The two DAC registers are updated simulta-
neously for both DAC’s using the XFER and WR2
signals. Using the CLR and WR2 signals or the
power-on-reset,(enabledwhenthepowerisswitched
on) the DAC registers are set to 1000 0000 0000 and
the DAC outputs will settle to 0V.
Usingthecontrollogicinputs,theuserhasfullcontrol
of address decoding, chip enable, data transfer and
clearing of the DAC’s. The control logic inputs are
level triggered, and like the data inputs, are TTL and
CMOS compatible. The truth table (Table 2) shows
the appropriate functions associated with the states of
the control logic inputs.
The DACs themselves are implemented with a preci-
sion thin–film resistor network and CMOS transmis-
sion gate switches. Each D/A converter is used to
convert the 12-bit input from its DAC register to a
precision voltage.
The bipolar voltage output of the SP9602 is created
on-chip from the DAC Voltage Output (V
DAC) by
using an operational amplifier and two feedback
resistors connected as shown in Figure 2. This
configuration produces a +4.5V bipolar output range
with standard offset binary coding (See Table 1.).
THEORY OF OPERATION
The SP9602 consists of five main functional blocks
— the input data multiplexer, the data registers,
control logic, two 12-bit D/A converters, and two
bipolar output voltage amplifiers. The input data
multiplexer is designed to interface to either 12- or 8-
bitmicroprocessordatabusses. Theinputdataformat
iscontrolledbytheB1/B2signal—alogic“1”selects
the 12-bit mode, while a logic “0” selects the 8-bit
mode. In the 12-bit mode the data is transferred to the
input registers without changes in its format. In the 8-
FEATURES
The SP9602 is a very low power, dual version of
the popular SP9345, Quad 12-Bit Digital-to-Ana-
log Converter. This Dual, Voltage Output, 12-Bit
Digital-to-Analog Converter features
±4.5V out-
put swings when using
±5 volt supplies. The input
codingformatusedisstandardoffsetbinary.(Please
refer to Table 1 below.)
The converter utilizes double-buffering on each of
the 12 parallel digital inputs, for easy microproces-
sor interface. Each 12-bit DAC is independently
addressable and both DACS may be simulta-
neously updated using a single XFER command.
The output settling-time is specified at 30
µs to full
12–bit accuracy when driving a 5Kohm, 50pF load
combination. The SP9602, Dual 12-Bit Digital-to-
Analog Converter is ideally suited for applications
suchasATE,processcontrollers,robotics,andinstru-
mentation. TheSP9602 isavailablein28–pinplastic
SOIC and plastic DIP packages, specified over the
commercial (0
°C to +70°C) temperature range.
Table 1. Offset Binary Coding
INPUT
OUTPUT
MSB
LSB
1111
1111
1111
V
REF - 1 LSB
1111
1111
1110
V
REF - 2 LSB
1000
0000
0001
0 + 1 LSB
1000
0000
0000
0
0000
0000
0001
-VREF + 1 LSB
0000
0000
0000
-V
REF
1 LSB =
2VREF
212



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com