Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8500 Datasheet(PDF) 53 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 53 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 49Page - National Semiconductor (TI) DP8500 Datasheet HTML 50Page - National Semiconductor (TI) DP8500 Datasheet HTML 51Page - National Semiconductor (TI) DP8500 Datasheet HTML 52Page - National Semiconductor (TI) DP8500 Datasheet HTML 53Page - National Semiconductor (TI) DP8500 Datasheet HTML 54Page - National Semiconductor (TI) DP8500 Datasheet HTML 55Page - National Semiconductor (TI) DP8500 Datasheet HTML 56Page - National Semiconductor (TI) DP8500 Datasheet HTML 57Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
150 AC Timing Parameters DP8520ADP8521ADP8522A (Continued)
Unless otherwise stated VCC e 50V g10% 0 C k TA k 70 C the output load capacitance is typical for 4 banks of 18 VRAMs
per bank including trace capacitance (see Note 2)
Two different loads are specified
CL e 50 pF loads on all outputs except
CL e 150 pF loads on Q0–8 9 and 10 or
CH e 50 pF loads on all outputs except
CH e 125 pF loads on RAS0–3 and CAS0–3 and
CH e 380 pF loads on Q0–8 9 and 10
Refresh Parameter
8520A21A22A-25
Number
Symbol
Description
CL
CH
Min
Max
Min
Max
200
tSRFCK
RFSH Asserted Setup to CLK High
22
22
201
tSDRFCK
DISRFSH Asserted Setup to CLK High
22
22
202
tSXRFCK
EXTENDRF Setup to CLK High
12
12
204
tPCKRFL
CLK High to RFIP Asserted
31
31
205
tPARQRF
AREQ Negated to RFIP Asserted
50
50
206
tPCKRFH
CLK High to RFIP Negated
51
51
207
tPCKRFRASH
CLK High to Refresh RAS Negated
29
33
208
tPCKRFRASL
CLK High to Refresh RAS Asserted
23
27
209a
tPCKCL0
CLK High to CAS Asserted
during Error Scrubbing
73
80
(tRAH e 15 ns tASC e 0 ns)
209b
tPCKCL1
CLK High to CAS Asserted
during Error Scrubbing
83
90
(tRAH e 15 ns tASC e 10 ns)
209c
tPCKCL2
CLK High to CAS Asserted
during Error Scrubbing
83
90
(tRAH e 25 ns tASC e 0 ns)
209d
tPCKCL3
CLK High to CAS Asserted
during Error Scrubbing
93
100
(tRAH e 25 ns tASC e 10 ns)
210
tWRFSH
RFSH Pulse Width
15
15
211
tPCKRQL
CLK High to RFRQ Asserted
40
40
212
tPCKRQH
CLK High to RFRQ Negated
40
40
53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com