Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8500 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 13Page - National Semiconductor (TI) DP8500 Datasheet HTML 14Page - National Semiconductor (TI) DP8500 Datasheet HTML 15Page - National Semiconductor (TI) DP8500 Datasheet HTML 16Page - National Semiconductor (TI) DP8500 Datasheet HTML 17Page - National Semiconductor (TI) DP8500 Datasheet HTML 18Page - National Semiconductor (TI) DP8500 Datasheet HTML 19Page - National Semiconductor (TI) DP8500 Datasheet HTML 20Page - National Semiconductor (TI) DP8500 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
40 Refresh Options (Continued)
422 Staggered RAS Refresh
A staggered refresh staggers each RAS or group of RASs
by a positive edge of CLK as shown in
Figure 11 The num-
ber of RASs which will be asserted on each positive edge
of CLK is determined by the RAS CAS configuration mode
programming bits C4 – C6 If single RAS outputs are select-
ed during programming then each RAS will assert on suc-
cessive positive edges of CLK If two RAS outputs are se-
lected during programming then RAS0 and RAS1 will assert
on the first positive edge of CLK after RFIP is asserted
RAS2 and RAS3 will assert on the second positive edge of
CLK after RFIP is asserted If all RAS outputs were selected
during programming all RAS outputs would assert on the
first positive edge of CLK after RFIP is asserted Each RAS
or group of RASs will meet the programmed RAS low time
and then negate
423 Error Scrubbing during Refresh
The DP8520A21A22A support error scrubbing during all
RAS VRAM refreshes Error scrubbing during refresh is se-
lected through bits C4 – C6 with bit R9 negated during pro-
gramming Error scrubbing can not be used with staggered
refresh (see Section 90) Error scrubbing during refresh al-
lows a CAS or group of CASs to assert during the all RAS
refresh as shown in
Figure 12 This allows data to be read
from the VRAM array and passed through an Error Detec-
tion And Correction Chip EDAC It is important to note that
while an error scrubbing during refresh access is being pe-
formed it is the system designer’s responsibility to properly
control the WE input of the VRAM WE should be high dur-
ing the initial access of the VRAM which could be accom-
plished by gating RFIP if programmed with the processor
access circuitry that creates WE If the EDAC determines
that the data contains a single bit error and corrects that
error the refresh cycle can be extended with the input ex-
tend refresh EXTNDRF and a read-modify-write operation
can be performed and the corrected data can be written
back to the VRAM by bringing WE low The DP8522A has a
24-bit internal refresh address counter that contains the 11
row 11 column and 2 bank addresses The DP8520A21A
have a 22-bit internal refresh address counter that contains
the 10 row 10 column and 2 bank addresses These coun-
ters are configured as bank column row with the row ad-
dress as the least significant bits The bank counter bits are
then used with the programming selection to determine
which CAS or group of CASs will assert during a refresh
TLF9338 – 18
FIGURE 12 Error Scrubbing during Refresh
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com