Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4030-24BBCZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD4030-24BBCZ
Description  24-Bit, 2 MSPS, SAR ADC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4030-24BBCZ Datasheet(HTML) 3 Page - Analog Devices

  AD4030-24BBCZ Datasheet HTML 1Page - Analog Devices AD4030-24BBCZ Datasheet HTML 2Page - Analog Devices AD4030-24BBCZ Datasheet HTML 3Page - Analog Devices AD4030-24BBCZ Datasheet HTML 4Page - Analog Devices AD4030-24BBCZ Datasheet HTML 5Page - Analog Devices AD4030-24BBCZ Datasheet HTML 6Page - Analog Devices AD4030-24BBCZ Datasheet HTML 7Page - Analog Devices AD4030-24BBCZ Datasheet HTML 8Page - Analog Devices AD4030-24BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Data Sheet
AD4030-24
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 48
VDD_5V = 5.4 V, VDD_1.8V = 1.8 V, VIO = 1.8 V, REFIN = 5 V, input common mode = 2.5 V, fS = 2 MSPS, and all specifications TMIN to TMAX,
unless otherwise noted. Typical values are at TA = 25°C.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RESOLUTION
24
Bits
ANALOG INPUT
Voltage Range
VIN+ − VIN−
−(65/64) × VREF
+(65/64) × VREF
V
Absolute Input Voltage
VIN+, VIN− to GND
−(1/128) × VREF
+(129/128) × VREF V
Common-Mode Input Range
(VIN+ + VIN−)/2
−(1/128) × VREF
+(129/128) × VREF V
Common-Mode Rejection Ratio (CMRR)
fIN = 10 kHz
132
dB
Analog Input Current
Acquisition phase, T = 25°C
0.8
nA
Converting any dc input at 2 MSPS
1.2
µA
Analog Input Capacitance
Acquisition phase
120
pF
Outside acquisition phase (CPIN)
4
pF
THROUGHPUT
Complete Cycle
500
ns
Conversion Time
264
282
300
ns
Acquisition Phase1
244
260
275
ns
Throughput Rate
0
2
MSPS
DC ACCURACY
No Missing Codes
24
Bits
Integral Nonlinearity Error (INL)
−0.9
±0.1
+0.9
ppm
Differential Nonlinearity Error (DNL)
±0.5
LSB
Transition Noise
21
LSB rms
Zero Error
−90
0
+90
μV
Zero Error Drift
±0.007
ppm/°C
Gain Error
Buffer disabled, REF = 5 V
−0.004
±0.0002
+0.004
%FS
Buffer enabled, REFIN = 5 V
−0.008
±0.0006
+0.008
%FS
Gain Error Temperature Drift
Buffer disabled, REF = 5 V
±0.025
ppm/°C
Buffer enabled, REFIN = 5 V
±0.07
ppm/°C
Power Supply Sensitivity
VDD_5V = 5.4 V ± 0.1 V
±0.1
ppm
VDD_1.8V = 1.8 V ± 5%
±0.2
ppm
Low Frequency Noise2
Bandwidth = 0.1 Hz to 10 Hz
1.3
µV p-p
AC ACCURACY
Dynamic Range
109
dB
Noise Spectral Density (NSD)
−169
dBFS/Hz
Total RMS Noise
12.5
µV rms
Signal-to-Noise Ratio (SNR)
fIN = 1 kHz, −0.5 dBFS
105.6
108.4
dB
Spurious-Free Dynamic Range (SFDR)
fIN = 1 kHz, −0.5 dBFS
127
dB
Total Harmonic Distortion (THD)
fIN = 1 kHz, −0.5 dBFS
−127
−115
dB
Signal-to-Noise-and-Distortion (SINAD) Ratio
fIN = 1 kHz, −0.5 dBFS
105.6
108.3
dB
Oversampled Dynamic Range
Averaging = 2
112
dB
Averaging = 256
133
dB
Averaging = 65536
155.5
dB
SNR
VDD_5V = 5.0 V, fIN = 1 kHz, −0.5 dBFS,
REFIN = 4.096 V
106.7
dB
SFDR
VDD_5V = 5.0 V, fIN = 1 kHz, −0.5 dBFS,
REFIN = 4.096 V
130
dB
THD
VDD_5V = 5.0 V, fIN = 1 kHz, −0.5 dBFS,
REFIN = 4.096 V
−130
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com