Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4030-24BBCZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD4030-24BBCZ
Description  24-Bit, 2 MSPS, SAR ADC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4030-24BBCZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD4030-24BBCZ Datasheet HTML 17Page - Analog Devices AD4030-24BBCZ Datasheet HTML 18Page - Analog Devices AD4030-24BBCZ Datasheet HTML 19Page - Analog Devices AD4030-24BBCZ Datasheet HTML 20Page - Analog Devices AD4030-24BBCZ Datasheet HTML 21Page - Analog Devices AD4030-24BBCZ Datasheet HTML 22Page - Analog Devices AD4030-24BBCZ Datasheet HTML 23Page - Analog Devices AD4030-24BBCZ Datasheet HTML 24Page - Analog Devices AD4030-24BBCZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Data Sheet
AD4030-24
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 48
Full-Scale Saturation
The conversion results saturate digitally (before any post-process-
ing) when either or both inputs exceed the analog limits specified
herein. After applying offset and gain scaling, the results are trun-
cated to 24-bit representation (saturating at maximum 0x7FFFFF
and minimum 0x800000). Care must be taken to avoid unintentional
saturation, especially when applying digital offset and/or gain scal-
ing. See the Digital Offset Adjust and Digital Gain sections for more
details on the use of these features.
Common-Mode Output
When the host controller writes 0x1 or 0x2 to the OUT_DATA_MD
bit field of the modes register (see the Modes Register section),
an 8-bit code representing the input common-mode voltage is
appended to the 16-bit or 24-bit code representing the input voltage
difference. The LSB size of the 8-bit code is VREF/256. The 8-bit
code saturates at 0 and 255 when the common mode input voltage
is 0 V and VREF, respectively. The 8-bit code is not affected by
digital offset and gain scaling, which is applied only to the code
representing the input voltage difference.
Block Averaging
The AD4030-24 provides a block averaging filter (SINC1) with
programmable block length 2N, N = 1, 2, 3, …, 16. The filter is reset
after processing each block of 2N samples. The filter is enabled by
writing 0x3 to the OUT_DATA_MD bit field of the modes register
(see the Modes Register section) as well as a value (1 ≤ N ≤
16) to the AVG_VAL bit field in the averaging mode register (see
the Averaging Mode Register section). In this configuration, the
output sample word is 32 bits. The 30 most significant bits (MSBs)
represent the numerical value of the 24-bit codes averaged in
blocks of 2N samples. The automatic scaling allows the 24 MSBs of
the 30-bit code are equal to the 24-bit codes when averaging blocks
of constant values. The 31st bit (OR) is an overrange warning bit
that is high when one or more samples in the block are subject to
saturation. The 32nd bit (SYNC) is high once every 2N conversion
cycles to indicate when the average values are updated at the
end of each block of samples. See the Digital Sample Processing
Features section for more information.
The effective data rate in averaging mode is fCNV/2N. The reset
value of N in the AVG_VAL bit field is 0x00 (no averaging). Figure
54 shows an example timing diagram in averaging mode. Figure 39
shows the frequency response of the filter for an N = 1, 2, 3, 4, 5.
Figure 39. Frequency Response Examples for the Block Averaging Filter
Digital Offset Adjust
The ADC can be programmed to add a 24-bit signed offset value
to the sample data (see the Register Details section). When adding
an offset to the samples, it is possible to cause the sample data
to saturate numerically. The user must take this into account when
using the offset feature. The default value is 0x000000. See the
Offset Registers section for more details.
Digital Gain
The ADC can be programmed to apply a 16-bit unsigned digital
gain (Register 0x1C and Register 0x1D) to the digital samples (see
the Register Details section). The gain is applied to each sample
based on the following equation:
CodeOUT = CodeIN × (USER_GAIN/0x8000)
where:
0x0000 ≤ USER_GAIN ≤ 0xFFFF.
The effective gain range is 0 to 1.99997. Note that applying gain to
the samples may cause numerical saturation. The default value is
0x8000 (gain = 1). To measure input voltage differences exceeding
±VREF, set the gain less than the unity to avoid the numerical
saturation of the 24-bit, 16-bit, or 30-bit output differential codes.
See the Gain Registers section for more details.
Test Pattern
To facilitate functional testing and debugging of the SPI, the host
controller can write a 32-bit test pattern to the AD4030-24 (see
the Test Pattern Registers section). The value written to the test
pattern registers is output using the normal sample cycle timing.
The 32-bit test pattern output mode is enabled by writing 0x4 to
the OUT_DATA_MD bit field of the modes register (see the Modes
Register section). The default value stored in the test pattern
registers is 0x5A5A0F0F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com