Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 4 Page - Analog Devices

  AD9361BBCZ Datasheet HTML 1Page - Analog Devices AD9361BBCZ Datasheet HTML 2Page - Analog Devices AD9361BBCZ Datasheet HTML 3Page - Analog Devices AD9361BBCZ Datasheet HTML 4Page - Analog Devices AD9361BBCZ Datasheet HTML 5Page - Analog Devices AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9361
Data Sheet
Rev. F | Page 4 of 36
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
RECEIVERS, 5.5 GHz
Noise Figure
NF
3.8
dB
Maximum RX gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−17
dBm
Maximum RX gain
Second-Order Input
Intermodulation Intercept Point
IIP2
42
dBm
Maximum RX gain
LO Leakage
−95
dBm
At RX front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−37
dB
40 MHz reference clock
(doubled internally for
RF synthesizer)
Input S11
−10
dB
RX1A to RX2A Isolation
52
dB
RX2A to RX1A Isolation
52
dB
TRANSMITTERS—GENERAL
Center Frequency
46.875
6000
MHz
Power Control Range
90
dB
Power Control Resolution
0.25
dB
TRANSMITTERS, 800 MHz
Output S22
−10
dB
Maximum Output Power
8
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−40
dB
19.2 MHz reference clock
Third-Order Output
Intermodulation Intercept Point
OIP3
23
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−32
dBc
40 dB attenuation
Noise Floor
−157
dBm/Hz
90 MHz offset
Isolation
TX1 to TX2
50
dB
TX2 to TX1
50
dB
TRANSMITTERS, 2.4 GHz
Output S22
−10
dB
Maximum Output Power
7.5
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−40
dB
40 MHz reference clock
Third-Order Output Intermod-
ulation Intercept Point
OIP3
19
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−32
dBc
40 dB attenuation
Noise Floor
−156
dBm/Hz
90 MHz offset
Isolation
TX1 to TX2
50
dB
TX2 to TX1
50
dB
TRANSMITTERS, 5.5 GHz
Output S22
−10
dB
Maximum Output Power
6.5
dBm
7 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−36
dB
40 MHz reference clock
(doubled internally for
RF synthesizer)
Third-Order Output
Intermodulation Intercept Point
OIP3
17
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−30
dBc
40 dB attenuation
Noise Floor
−151.5
dBm/Hz
90 MHz offset
Isolation
TX1 to TX2
50
dB
TX2 to TX1
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com