Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361BBCZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 15Page - Analog Devices AD9361BBCZ Datasheet HTML 16Page - Analog Devices AD9361BBCZ Datasheet HTML 17Page - Analog Devices AD9361BBCZ Datasheet HTML 18Page - Analog Devices AD9361BBCZ Datasheet HTML 19Page - Analog Devices AD9361BBCZ Datasheet HTML 20Page - Analog Devices AD9361BBCZ Datasheet HTML 21Page - Analog Devices AD9361BBCZ Datasheet HTML 22Page - Analog Devices AD9361BBCZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Data Sheet
AD9361
Rev. F | Page 19 of 36
Pin No.
Type1
Mnemonic
Description
J11
I/O
P1_D3/RX_D1_P
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D3, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D1_P) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
J12
I/O
P1_D1/RX_D0_P
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D1, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D0_P) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
K1, L1
I
RX1C_P, RX1C_N
Receive Channel 1 Differential Input C. Alternatively, each pin can be used as a
single-ended input. These inputs experience degraded performance above
3 GHz. Tie unused pins to ground.
K3
I
VDDA1P3_TX_SYNTH
1.3 V Supply Input.
K4
I
VDDA1P3_BB
1.3 V Supply Input.
K5
I
RESETB
Asynchronous Reset. Logic low resets the device.
K6
I
SPI_ENB
SPI Enable Input. Set this pin to logic low to enable the SPI bus.
K7
I/O
P1_D8/RX_D4_N
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D8, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D4_N) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
K8
I/O
P1_D6/RX_D3_N
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D6, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D3_N) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
K9
I/O
P1_D4/RX_D2_N
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D4, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D2_N) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
K10
I/O
P1_D2/RX_D1_N
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D2, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D1_N) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
K11
I/O
P1_D0/RX_D0_N
Digital Data Port P1/Receive Differential Output Bus. This is a dual function pin.
As P1_D0, it functions as part of the 12-bit bidirectional parallel CMOS level Data
Port 1. Alternatively, this pin (RX_D0_N) can function as part of the LVDS 6-bit RX
differential output bus with internal LVDS termination.
L4
I
RBIAS
Bias Input Reference. Connect this pin through a 14.3 kΩ (1% tolerance) resistor
to ground.
L5
I
AUXADC
Auxiliary ADC Input. If this pin is unused, tie it to ground.
L6
O
SPI_DO
SPI Serial Data Output in 4-Wire Mode, or High-Z in 3-Wire Mode.
M1, M2
I
RX1A_P, RX1A_N
Receive Channel 1 Differential Input A. Alternatively, each pin can be used as a
single-ended input. Tie unused pins to ground.
M5
I
TX_MON1
Transmit Channel 1 Power Monitor Input. When this pin is unused, tie it to ground.
M7, M8
O
TX1A_P, TX1A_N
Transmit Channel 1 Differential Output A. Tie unused pins to 1.3 V.
M9, M10
O
TX1B_P, TX1B_N
Transmit Channel 1 Differential Output B. Tie unused pins to 1.3 V.
M11, M12
I
XTALP, XTALN
Reference Frequency Crystal Connections. When a crystal is used, connect it
between these two pins. When an external clock source is used, connect it to
XTALN and leave XTALP unconnected.
1
I is input, O is output, I/O is input/output, or NC is not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com