Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23451 Datasheet(PDF) 18 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology MIC23451 Datasheet HTML 16Page - Microchip Technology MIC23451 Datasheet HTML 17Page - Microchip Technology MIC23451 Datasheet HTML 18Page - Microchip Technology MIC23451 Datasheet HTML 19Page - Microchip Technology MIC23451 Datasheet HTML 20Page - Microchip Technology MIC23451 Datasheet HTML 21Page - Microchip Technology MIC23451 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MIC23451
DS20006662A-page 18
2022 Microchip Technology Inc. and its subsidiaries
7.0
PCB LAYOUT RECOMMENDATIONS
FIGURE 7-1:
Top Layer.
FIGURE 7-2:
Mid Layer 1.
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1
1
2
4
3
2
2
9
8
7
6
13
12
11
1
1
2
2
1
2
2
1
1
19 18 17
1
15 14
10
1
1
2
2
2
1
1
26
25
1
23
22
21
2
1
2
1
2
5
2
1
2
2
2
1
2
1
2
2
2
2
24
20
1
1
1
16
1
2
1
1
11
2
1
1
1
2
1
2
4
3
2
2
9
8
7
6
13
12
11
1
1
2
2
1
2
2
1
1
19 18 17
1
15 14
10
1
1
2
2
2
1
1
26
25
1
23
22
21
2
1
2
1
2
5
2
1
2
2
2
1
2
1
2
2
2
2
24
20
1
1
1
16
1
2
1
1
11
2
1
1
1
2
1
1
2
1
1
1
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com