Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23451 Datasheet(PDF) 12 Page - Microchip Technology

Part # MIC23451
Description  3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC23451 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MIC23451 Datasheet HTML 8Page - Microchip Technology MIC23451 Datasheet HTML 9Page - Microchip Technology MIC23451 Datasheet HTML 10Page - Microchip Technology MIC23451 Datasheet HTML 11Page - Microchip Technology MIC23451 Datasheet HTML 12Page - Microchip Technology MIC23451 Datasheet HTML 13Page - Microchip Technology MIC23451 Datasheet HTML 14Page - Microchip Technology MIC23451 Datasheet HTML 15Page - Microchip Technology MIC23451 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MIC23451
DS20006662A-page 12
2022 Microchip Technology Inc. and its subsidiaries
4.0
FUNCTIONAL DESCRIPTION
4.1
PVIN
The input supply (PVIN) provides power to the internal
MOSFETs for the switch mode regulator. The VIN
operating range is 2.7V to 5.5V, so an input capacitor,
with a minimum voltage rating of 6.3V is
recommended. Because of the high di/dt switching
speeds, a minimum 2.2 µF or 4.7 µF recommended
bypass capacitor, placed close to PVIN and the power
ground (PGND) pin, is required. Refer to the PCB
Layout Recommendations section for details.
4.2
AVIN
The input supply (AVIN) provides power to the internal
control circuitry. Because the high di/dt switching
speeds on PVIN cause small voltage spikes, a 50Ω RC
filter and a minimum 100 nF decoupling capacitor,
placed close to the AVIN and signal ground (AGND)
pin, is required.
4.3
EN
A logic high signal on the enable pin (EN) activates the
output voltage of the device. A logic low signal on the
enable pin deactivates the output and reduces supply
current to 0.01 µA. The MIC23451 features internal
soft-start circuitry that reduces inrush current and
prevents the output voltage from overshooting at
start-up. Do not leave the EN pin floating.
4.4
SW
The switch (SW) connects directly to one end of the
inductor and provides the current path during switching
cycles. The other end of the inductor is connected to
the load, SNS pin, and output capacitor. Because of the
high-speed switching on this pin, the switch node
should be routed away from sensitive nodes.
4.5
SNS
The sense (SNS) pin is connected to the output of the
device to provide feedback to the control circuitry. The
SNS connection should be placed close to the output
capacitor. Refer to the PCB Layout Recommendations
section for more details.
4.6
AGND
The analog ground (AGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the power
ground (PGND) loop. Refer to the PCB Layout
Recommendations section for more details.
4.7
PGND
The power ground pin is the ground path for the high
current in PWM mode. The current loop for the power
ground should be as short and wide as possible and
separate from the analog ground (AGND) loop as
applicable.
Refer
to
the
PCB
Layout
Recommendations section for more details.
4.8
PG
The power good (PG) pin is an open-drain output that
indicates logic high when the output voltage is typically
above 90% of its steady state voltage. A pull-up resistor
of more than 5 kΩ should be connected from PG to
VOUT.
4.9
FB
The feedback (FB) pin is the control input for
programming the output voltage. A resistor divider
network is connected to this pin from the output and is
compared to the internal 0.62V reference within the
regulation loop.
The output voltage can be programmed between 1V
and 3.3V using Equation 4-1:
EQUATION 4-1:
Table 4-1 shows example feedback resistor values.
TABLE 4-1:
FEEDBACK RESISTOR
VALUES
VOUT
R1
R2
1.2V
274 kΩ
294 kΩ
1.5V
316 kΩ
221 kΩ
1.8V
301 kΩ
158 kΩ
2.5V
324 kΩ
107 kΩ
3.3V
309 kΩ
71.5 kΩ
VOUT
VREF 1 R1
R2
-------
+
=
Where:
R1 = The top, VOUT-connected resistor.
R2 = The bottom, AGND-connected resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com