Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4832 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC4832
Description  Low-Noise 220VPP EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4832 Datasheet(HTML) 3 Page - Microchip Technology

  MIC4832 Datasheet HTML 1Page - Microchip Technology MIC4832 Datasheet HTML 2Page - Microchip Technology MIC4832 Datasheet HTML 3Page - Microchip Technology MIC4832 Datasheet HTML 4Page - Microchip Technology MIC4832 Datasheet HTML 5Page - Microchip Technology MIC4832 Datasheet HTML 6Page - Microchip Technology MIC4832 Datasheet HTML 7Page - Microchip Technology MIC4832 Datasheet HTML 8Page - Microchip Technology MIC4832 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2019 - 2022 Microchip Technology Inc.
DS20006163B-page 3
MIC4832
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage (VDD) ................................................................................................................................... –0.5V to +6V
Output Voltage (VCS) ............................................................................................................................... –0.5V to +120V
EL Lamp Terminals (VA, VB) .............................................................................................................................. VCS + 3V
Switch Voltage (VSW)............................................................................................................................... –0.5V to +120V
Frequency Control Voltage (VRSW, VREL)...................................................................................... –0.5V to (VDD + 0.3V)
ESD Rating (Note 1) .................................................................................................................................................. 2 kV
Operating Ratings ††
Supply Voltage (VDD) ................................................................................................................................ +1.8V to +5.5V
Lamp Drive Frequency (fEL).................................................................................................................. 60 Hz to 1000 Hz
Switching Frequency (fSW)...................................................................................................................65 kHz to 250 kHz
† Notice: Exceeding the absolute maximum ratings may damage the device.
†† Notice: The device is not guaranteed to function outside its operating ratings.
Note 1: Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5 kΩ in series with
100 pF.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN = VDD = 3.0V, RSW = 338 kΩ, REL = 1.78 MΩ. TA = +25°C unless otherwise
specified.
Bold values valid for –40°C ≤ TA ≤ +85°C. Note 1
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
On-Resistance
RDS(ON)
—
3.8
7
Ω
ISW = 100 mA
CS Voltage Variation
VCS
91
105
119
V
—
Enable Input Low Voltage
(Turn-Off)
VEN-L
—
—
0.5
V
VDD = 1.8V to 5.5V
Enable Input High Voltage
(Turn-On)
VEN-H
VDD –
0.5
—
—
V
VDD = 1.8V to 5.5V
Shutdown Current
ISD
—
0.01
0.5
µA
RSW Resistor = Low;
REL Resistor = Low; VDD = 5.5V
Input Supply Current
IVDD
—
45
75
µA
RSW Resistor = High;
REL Resistor = High;
VCS = 110V; VA, VB = OPEN
Input Current Including
Inductor
ICS
—
24
—
mA
VIN = VDD = 3.2V; RSW = 338 kΩ,
REL = 1.78 MΩ;
L = 220 µH; ROUT = 10 kΩ; Lamp = 2 in2
VA – VB Output Drive
Frequency
fEL
158
200
242
Hz
REL = 1.78 MΩ
Switching Transistor
Frequency
fSW
90
112
134
kHz
RSW = 338 kΩ
Switching Transistor Duty
Cycle
D
—
90
—
%
—
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com