Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4832 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4832
Description  Low-Noise 220VPP EL Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4832 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4832 Datasheet HTML 6Page - Microchip Technology MIC4832 Datasheet HTML 7Page - Microchip Technology MIC4832 Datasheet HTML 8Page - Microchip Technology MIC4832 Datasheet HTML 9Page - Microchip Technology MIC4832 Datasheet HTML 10Page - Microchip Technology MIC4832 Datasheet HTML 11Page - Microchip Technology MIC4832 Datasheet HTML 12Page - Microchip Technology MIC4832 Datasheet HTML 13Page - Microchip Technology MIC4832 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
MIC4832
DS20006163B-page 10
2019 - 2022 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Inductor
A 220 µH Murata (LQH4C221K04) inductor is
recommended for most applications. Generally,
inductors with smaller values can handle more current.
Lowering the inductance allows the boost regulator to
draw more input current to deliver more energy every
cycle. As a result, a lower value inductor may be used
to drive larger panels or make the current panel
brighter.
However, caution is required as using a low-value
inductor with a low switching frequency may result in
voltages exceeding the absolute maximum rating of
the switch node and/or the CS pin.
If the application uses a low-input voltage (1.8V to 3V),
a lower value inductor, such as 100 µH, may be used in
order to drive the EL lamp at max brightness without
issue.
5.2
Diode
The diode must have a high-reverse voltage (150V),
because the output voltage at the CS pin can reach up
to 130V. A fast-switching diode with lower forward
voltage and higher reverse voltage (150V), such as
BAV20WS/BAS20W, can be used to enhance
efficiency.
5.3
Output Capacitor
Low-ESR capacitors should be used at the regulated
boost output (CS pin) of the MIC4832 to minimize the
switching output ripple voltage. The larger the output
capacitance, the lower the output ripple at the CS pin.
The reduced output ripple at the CS pin, along with a
low-ESR capacitor, improves the efficiency of the
MIC4832 circuit.
Selection of the capacitor value will depend upon the
peak inductor current, inductor size, and the load. The
MIC4832 is designed for use with an output
capacitance as low as 2.2 nF. For minimum audible
noise, the use of a C0G/NPO dielectric output capacitor
is recommended.
TDK and AVX offer C0G/NPO dielectric capacitors in
capacitances up to 2.7 nF at 200V to 250V rating in
0805 size. If output ripple is a concern, a 0.01 µF/200V
X7R output capacitor is recommended.
5.4
EL Lamp Terminals (VA, VB)
An EL lamp is connected from VA to VB as the load.
The high voltage alternated across VA and VB by the
H-bridge cycles generate luminance.
The voltage at VA and VB should not exceed the
voltage at VCS by more than 3V. This situation may
become present when noisy enable signals such as
those often generated by mechanical switches are
applied to the driver’s inputs.
To prevent overvoltage at VA and VB, 10 kΩ resistors
may be placed in series from VA to the EL panel and
from VB to the EL panel. An alternative to the use of
10 kΩ resistors is to apply a diode from the CS pin to
VA and VB, where the cathode of the diode is on the CS
side and the anode is on the VA and VB side,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com