Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP7940NT-E/MS Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP7940NT-E/MS
Description  Battery-Backed I2C Real-Time Clock/Calendar with SRAM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940NT-E/MS Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP7940NT-E/MS Datasheet HTML 11Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 12Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 13Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 14Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 15Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 16Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 17Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 18Page - Microchip Technology MCP7940NT-E/MS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
 2011-2022 Microchip Technology Inc. and its subsidiares
DS20005010J-page 15
MCP7940N
5.3
Timekeeping
The MCP7940N maintains the current time and date
using an external 32.768 kHz crystal or clock source.
Separate registers are used for tracking seconds, min-
utes, hours, day of week, date, month, and year. The
MCP7940N automatically adjusts for months with less
than 31 days and compensates for leap years from
2001 to 2399. The year is stored as a two-digit value.
Both 12-hour and 24-hour time formats are supported
and are selected using the 12/24 bit.
The day of week value counts from 1 to 7, increments
at midnight, and the representation is user-defined (i.e.,
the MCP7940N does not require 1 to equal Sunday,
etc.).
All time and date values are stored in the registers as
binary-coded decimal (BCD) values. The MCP7940N
will continue to maintain the time and date while oper-
ating off the backup supply.
When reading from the timekeeping registers, the reg-
isters are buffered to prevent errors due to rollover of
counters. The following events cause the buffers to be
updated:
• When a read is initiated from the RTCC registers
(addresses 0x00 to 0x1F)
• During an RTCC register read operation, when
the register address rolls over from 0x1F to 0x00
The timekeeping registers should be read in a single
operation to utilize the on-board buffers and avoid
rollover issues.
5.3.1
DIGIT CARRY RULES
The following list explains which timer values cause a
digit carry when there is a rollover:
• Time of day: from 11:59:59 PM to 12:00:00 AM
(12-hour mode) or 23:59:59 to 00:00:00 (24-hour
mode), with a carry to the Date and Weekday
fields
• Date: carries to the Month field according to Table
5-3
• Weekday: from 7 to 1 with no carry
• Month: from 12/31 to 01/01 with a carry to the
Year field
• Year: from 99 to 00 with no carry
TABLE 5-3:
DAY TO MONTH ROLLOVER
SCHEDULE
Note 1: Loading invalid values into the time and
date registers will result in undefined
operation.
2: To avoid rollover issues when loading
new time and date values, the oscilla-
tor/clock input should be disabled by
clearing the ST bit for External Crystal
mode and the EXTOSC bit for External
Clock Input mode. After waiting for the
OSCRUN bit to clear, the new values can
be loaded and the ST or EXTOSC bit can
then be re-enabled.
Month
Name
Maximum Date
01
January
31
02
February
28 or 29(1)
03
March
31
04
April
30
05
May
31
06
June
30
07
July
31
08
August
31
09
September
30
10
October
31
11
November
30
12
December
31
Note 1: 29 during leap years, otherwise 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com