Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC826 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC826
Description  Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC826 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC826 Datasheet HTML 14Page - Microchip Technology MIC826 Datasheet HTML 15Page - Microchip Technology MIC826 Datasheet HTML 16Page - Microchip Technology MIC826 Datasheet HTML 17Page - Microchip Technology MIC826 Datasheet HTML 18Page - Microchip Technology MIC826 Datasheet HTML 19Page - Microchip Technology MIC826 Datasheet HTML 20Page - Microchip Technology MIC826 Datasheet HTML 21Page - Microchip Technology MIC826 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006668A-page 19
MIC826
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC826LYMT-TR:
MIC826, 4.625 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
5,000/Reel
b) MIC826MYMT-T5:
MIC826, 4.375 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
500/Reel
c) MIC826TYMT-TR:
MIC826, 3.075 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
5,000/Reel
d) MIC826SYMT-T5:
MIC826, 2.925 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
500/Reel
e) MIC826RYMT-TR:
MIC826, 2.625 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
5,000/Reel
f) MIC826ZYMT-T5:
MIC826, 2.315 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
500/Reel
g) MIC826YYMT-TR:
MIC826, 2.188 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
5,000/Reel
h) MIC826WYMT-T5:
MIC826, 1.665 Nom. Thresh-
old Voltage, –40°C to +125°C
Temp. Range, 6-Lead UDFN,
500/Reel
Device:
MIC826:
Voltage Supervisor with Watchdog Timer,
Manual Reset, and Dual Outputs
Nominal Thresh-
old Voltage:
L = 4.625
M = 4.375
T
= 3.075
S
= 2.925
R
= 2.625
Z
= 2.315
Y
= 2.188
W = 1.665
Temperature
Range:
Y
=
–40°C to +125°C
Package:
MT =
6-Lead 1.6 mm x 1.6 mm UDFN
Media Type:
TR =
5,000/Reel
T5 =
500/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the Tape
and Reel option.
Part Number
X
X
XX
-XX
Device
Nominal
Threshold
Voltage
Temp.
Range
Package
Media Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com